Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 144 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 144 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 140Page - National Semiconductor (TI) PC87591L Datasheet HTML 141Page - National Semiconductor (TI) PC87591L Datasheet HTML 142Page - National Semiconductor (TI) PC87591L Datasheet HTML 143Page - National Semiconductor (TI) PC87591L Datasheet HTML 144Page - National Semiconductor (TI) PC87591L Datasheet HTML 145Page - National Semiconductor (TI) PC87591L Datasheet HTML 146Page - National Semiconductor (TI) PC87591L Datasheet HTML 147Page - National Semiconductor (TI) PC87591L Datasheet HTML 148Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
144
Revision 1.07
Timer Mode Control Register (TnCTRL)
The TnCTRL register is a byte-wide read/write register. It defines the mode of operation of timer/counter and TAn and TBn
I/O pins. The register is cleared on reset.
Location: MFT16 1: 00 FD8C16
MFT16 2: 00 FDAC16
Type: R/W
5-3
C2CSEL (Counter 2 Clock Select). Defines the clock mode for timer/counter 2.
Bits
5 4 3
Description
0 0 0:
No Clock (Counter 1 stopped)
0 0 1:
Prescaled system clock
0 1 0:
External Event on TBn
0 1 1:
Pulse Accumulate
1 0 0:
Slow-speed Clock
Other: Reserved
7-6
Reserved.
Bit
76543210
Name
Reserved
TAOUT
TBEN
TAEN
TBEDG
TAEDG
MDSEL
Reset
00000000
Bit
Description
1-0
MDSEL (Mode Select). Defines the MFT16 mode of operation.
Bits
1 0
Description
0 0:
Mode 1
0 1:
Mode 2
1 0:
Mode 3
1 1:
Mode 4
2
TAEDG (TAn Edge Polarity).
0: A high-to-low transition on TAn causes the action defined by the mode of operation (e.g., input capture).
1: A low-to-high transition on TAn results in the defined action.
3
TBEDG (TBn Edge Polarity).
0: A high-to-low transition on TBn causes the action defined by the mode of operation (e.g., input capture or ex-
ternal event count)
1: A low-to-high transition on TBn results in the defined action
In Pulse Accumulate mode, when this bit is set to 1, the count is enabled if TBn is high. When cleared (0) and
while operating in Pulse Accumulate mode, the counter is enabled if TBn is low.
4
TAEN (TAn Enable). Enables TAn to function either as a preset input or as a PWM output, depending on the
mode of operation.
If this bit is set (1), while operating in Dual Input Capture mode (mode 2), a transition on TAn causes TnCNT1
to be preset to FFFF16. In the remaining modes of operation, setting TnAEN enables TAn to function as a PWM
output. See Table 20 on page 141 for additional information.
5
TBEN (TBn Enable). When set (1), and while operating in either Dual Input Capture mode (mode 2) or Input
Capture and Timer mode (mode 4), a transition on TBn causes the corresponding timer/counter to be preset to
FFFF16. In mode 2, TnCNT1 is preset to FFFF16; in mode 4, TnCNT2 is preset to FFFF16. The bit has no
effect while operating in any mode other than modes 2 or 4. See Table 20 on page 141 for additional
information.
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com