Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 136 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 136 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 132Page - National Semiconductor (TI) PC87591L Datasheet HTML 133Page - National Semiconductor (TI) PC87591L Datasheet HTML 134Page - National Semiconductor (TI) PC87591L Datasheet HTML 135Page - National Semiconductor (TI) PC87591L Datasheet HTML 136Page - National Semiconductor (TI) PC87591L Datasheet HTML 137Page - National Semiconductor (TI) PC87591L Datasheet HTML 138Page - National Semiconductor (TI) PC87591L Datasheet HTML 139Page - National Semiconductor (TI) PC87591L Datasheet HTML 140Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
136
Revision 1.07
Counter Clock Source Select
The clock source unit contains two clock source selectors that allow the clock source to be selected independently for each
of the two 16-bit counters from one of the following sources:
●
No clock, in which case the counter is stopped
●
Prescaled system clock
●
External Event count based on TBn
●
Pulse Accumulate mode based on TBn
●
Slow Speed Clock i.e., 32.768 KHz
4.7.3
Timer/Counter and Action Unit
The timer/counter and action unit consists of two 16-bit counters, TnCNT1 and TnCNT2, in addition to two 16-bit reload/cap-
ture registers, TnCRA and TnCRB. The timers are down counters capable of triggering events on underflow detection (count
from 000016 to FFFF16). In addition, it contains the mode control logic which allows the timer to operate in any of four oper-
ation modes described below.
Different interrupts can be triggered on certain conditions, and the functionality of the I/O pins changes depending on the
mode of operation. Therefore the interrupt control and the I/O control are an integral part of the timer/counter unit.
Operation Modes
The MFT16 can be configured to operate in any one of four modes, as summarized in Table 18 and described in this section.
Mode 1, PWM and Counter
PWM can be used to generate precise pulses of known width and duty cycle on the TAn pin. The timer is clocked by the
instruction clock. An underflow causes the timer register to be reloaded alternately from the TnCRA and TnCRB registers
and optionally causes TAn output to toggle. Thus, the values stored in TnCRA and TnCRB registers control the high and
low time of the signal produced on TAn. In PWM mode, timer/counter 2 can be used either as a simple system timer or as
an external event counter. The counter can be loaded by software with a specific value; the counter can then generate an
interrupt after the pre-programed number of external events have been received on TBn input.
Table 18. Operation Modes
Mode
Description
Timer/Counter 1
(TnCNT1)
Reload/Capture A
(TnCRA)
Reload/Capture B
(TnCRB)
Timer/Counter 2
(TnCNT2)
1
PWM and system
timer or external
event counter
Counter for PWM
Auto Reload A =
PWM time 1
Auto reload = PWM
time 2
System Timer or ex-
ternal event counter
2
Dual input capture
and system timer
Capture A and B
time base
Capture counter 1
value on TAn event
Capture counter 1
value on TBn event
System Timer
3
Dual independent
timer
Time base for first
timer
Reload register for
timer/counter 1
Reload register for
timer/counter 2
Time base for sec-
ond timer
4
Input capture and
timer
Time base for first
timer
Reload register for
timer/counter 1
Capture counter 1
value on TBn event
Capture B time base
TBn
Pre-Scaler Output
Counter Clock
Figure 46. Pulse Accumulate Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com