Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 132 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 132 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 128Page - National Semiconductor (TI) PC87591L Datasheet HTML 129Page - National Semiconductor (TI) PC87591L Datasheet HTML 130Page - National Semiconductor (TI) PC87591L Datasheet HTML 131Page - National Semiconductor (TI) PC87591L Datasheet HTML 132Page - National Semiconductor (TI) PC87591L Datasheet HTML 133Page - National Semiconductor (TI) PC87591L Datasheet HTML 134Page - National Semiconductor (TI) PC87591L Datasheet HTML 135Page - National Semiconductor (TI) PC87591L Datasheet HTML 136Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
132
Revision 1.07
Note: When CLK1, CLK2, CLK3 and CLK4 are all 0, this is interpreted as a shift mechanism reset. In this case, the PSTAT
register and the shift state machine are reset to their initial state.
PS/2 Input Signal Register (PSISIG)
The PSISIG register is an 8-bit read only register. It provides the current value of the PS/2 port signals.
Location: 00 FE8816
Type: RO
3
CLK1 (Enable Channel 1)
0: Forces the PSCLK1 pin low (0) and disables channel 0 of the shift mechanism.
1: Depends on whether or not the shift mechanism is enabled.
• When the shift mechanism is enabled (EN bit in PSCON register is set to 1), channel 1 of the PS/2 ports
is enabled.
• When the shift mechanism is disabled (EN bit in PSCON register is set to 0), the clock line output buffer
data is 1 (i.e., the signal is pulled high by the pull-up, if enabled, and may be pulled low by an external de-
vice).
4
CLK2 (Enable Channel 2). Same as bit 3 of this register (described above) but for channel 2.
5
CLK3 (Enable Channel 3). Same as bit 3 of this register (described above) but for channel 3.
6
WDAT4 (Write Data Signal Channel 4). Controls the data output to channel 4 data signal (PSDAT4). For more
information, see the description of bit 1 (above).
7
CLK4 (Enable Channel 4). Same as bit 3 of this register (described above) but for channel 4.
Bit
76543210
Name
RCLK4
RDAT4
RCLK3
RCLK2
RCLK1
RDAT3
RDAT2
RDAT1
Bit
Description
0
RDAT1 (Read Data Signal Channel 1). The current value of the channel 1 data signal (PSDAT1).
1
RDAT2 (Read Data Signal Channel 2). The current value of the channel 2 data signal (PSDAT2).
2
RDAT3 (Read Data Signal Channel 3). The current value of the channel 3 data signal (PSDAT3).
3
RCLK1 (Read Clock Signal Channel 1). When read, returns the current value of the channel 1 clock signal
(PSCLK1).
4
RCLK2 (Read Clock Signal Channel 2). When read, returns the current value of the channel 2 clock signal
(PSCLK2).
5
RCLK3 (Read Clock Signal Channel 3). When read, returns the current value of the channel 3 clock signal
(PSCLK3).
6
RDAT4 (Read Data Signal Channel 4). The current value of the channel 4 data signal (PSDAT4).
7
RCLK4 (Read Clock Signal Channel 4). When read, returns the current value of the channel 4 clock signal
(PSCLK4).
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com