Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 130 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 130 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 126Page - National Semiconductor (TI) PC87591L Datasheet HTML 127Page - National Semiconductor (TI) PC87591L Datasheet HTML 128Page - National Semiconductor (TI) PC87591L Datasheet HTML 129Page - National Semiconductor (TI) PC87591L Datasheet HTML 130Page - National Semiconductor (TI) PC87591L Datasheet HTML 131Page - National Semiconductor (TI) PC87591L Datasheet HTML 132Page - National Semiconductor (TI) PC87591L Datasheet HTML 133Page - National Semiconductor (TI) PC87591L Datasheet HTML 134Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
130
Revision 1.07
PS/2 Control Register (PSCON)
The PSCON register is an 8-bit read/write register. It controls the operation of the PS/2 interface by enabling it and controlling
the data transfer direction. On reset, PSCON is set to 0016.
Location: 00 FE8416
Type: R/W
5-3
ACH (Active Channel). Defines which of the PS/2 channels is currently active (i.e., a start bit was detected). In
case more than one channel become active simultaneously, only the one with the highest priority (lowest
number) is flagged.
Bits
5 4 3
Description
0 0 0:
None of the channels is active
0 0 1:
Channel 1
0 1 0:
Channel 2
1 0 0:
Channel 3
1 0 1:
Channel 4
6
RFERR (Receive Frame Error).
When set to 1, indicates that the stop bit in a received frame was detected low instead of high.
7
Reserved.
Bit
76543210
Name
WPUEN
IDB
HDRV
XMT
EN
Reset
00000000
Bit
Description
0
EN (Shift Mechanism Enable).
0: The hardware shift mechanism is disabled and the software controls and monitors the PS/2 signals using
PSOSIG and PSISIG registers.
1: The hardware shift mechanism is enabled. The enabled channels are controlled by PSOSIG, and Transmit/Re-
ceive mode is controlled by the XMT bit.
1
XMT (Transmit Enable).
0: Receive mode.
1: Causes the PS/2 interface to enter Transmit mode.
3-2
HDRV (High Drive). Defines the quasi-bidirectional buffers’ behavior on transition from low to high. HDRV
defines the period of time for which the output is pulled high with a low-impedance drive (when the PC87591x
changes the output level from low to high). This period is a function of the PC87591x clock as follows:
Bits
3 2
Description
0 0:
Disabled
0 1:
Low-impedance drive for one clock cycle
1 0:
Low-impedance drive for two clock cycles
1 1:
Low-impedance drive for three clock cycles
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com