Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 125 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 125 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 121Page - National Semiconductor (TI) PC87591L Datasheet HTML 122Page - National Semiconductor (TI) PC87591L Datasheet HTML 123Page - National Semiconductor (TI) PC87591L Datasheet HTML 124Page - National Semiconductor (TI) PC87591L Datasheet HTML 125Page - National Semiconductor (TI) PC87591L Datasheet HTML 126Page - National Semiconductor (TI) PC87591L Datasheet HTML 127Page - National Semiconductor (TI) PC87591L Datasheet HTML 128Page - National Semiconductor (TI) PC87591L Datasheet HTML 129Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
125
www.national.com
4.6.4
Operating With the Shift Mechanism Enabled
The shift mechanism is designed to off load the bit level handling of the data transfer from the firmware to a hardware
scheme; this improves system tolerance to interrupt latency. The mechanism includes a shift register and a state machine
that controls the PS/2 protocol.
Figure 41 illustrates the shift mechanism PS/2 data transfer sequence. There are three basic modes: Disabled, Receive and
Transmit. Different states in each mode define the progress of the data transfer. The rest of this section details the use of
the shift mechanism for implementing a PS/2 data transfer.
Reset the Shift Mechanism
Clearing either the shift mechanism enable bit (EN = 0 in PSCON register) or all the channels’ clock bits (CLK4-1 = 0) resets
the shift mechanism. In this state, PSTAT register is cleared (0016), and the state of the PS/2 clock and data signals
(PSCLK4-1 and PSDAT4-1) is set according to the value of their control bits (CLK4-1 and WDAT4-1, respectively).
When the shift mechanism is reset while in an unknown state or while in Transmit Idle state, the firmware should set (1)
WDAT4-1 before the shift mechanism is reset.
Before disabling the shift mechanism, the software should clear (0) CLK4-1 to prevent glitches on the clock signals.
Enable the Shift Mechanism
To enable the shift mechanism, verify that PSOSIG register is set to 4716 and then set (1) EN bit in PSCON register. This
puts the shift register state machine in Receive Inactive or Transmit Inactive state (XMT is 0 or 1, respectively, in PSCON
register). In either of these states, the clock signals (PSCLK4-1) are low and the data signals PSDAT4-1 are either floating
or pulled high.
PS/2 Reset
XMT = 0
XMT = 1
Start Bit
Detected
XMT = 1
EN = 1 and
EN = 0
Disabled
Receive
Inactive
XMT = 0
EN = 1 and
Transmit
Idle
Transmit
Active
Line Control
Bit Detected
End of
Transmission
or CLK4 = 1
Start Bit
Detected
Receive
Idle
CLK1, CLK2, CLK3
Receive
Active
Stop Bit
Detected
End of
Reception
and/or CLK4 = 1
Transmit Mode
Receive Mode
EN = 0
CLK1, CLK2, CLK3
and CLK4 = 0
CLK1, CLK2, CLK3
and CLK4 = 0
Transmit
Inactive
Figure 41. Shift Mechanism State Diagram
CLK1, CLK2, CLK3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com