Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 186 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 186 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 182Page - National Semiconductor (TI) PC87591L Datasheet HTML 183Page - National Semiconductor (TI) PC87591L Datasheet HTML 184Page - National Semiconductor (TI) PC87591L Datasheet HTML 185Page - National Semiconductor (TI) PC87591L Datasheet HTML 186Page - National Semiconductor (TI) PC87591L Datasheet HTML 187Page - National Semiconductor (TI) PC87591L Datasheet HTML 188Page - National Semiconductor (TI) PC87591L Datasheet HTML 189Page - National Semiconductor (TI) PC87591L Datasheet HTML 190Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
186
Revision 1.07
For positive input voltages higher than VFS, a resistor divider should be used in front of the analog input (see Figure 61a).
The divider should be calculated so that its output is lower than the full-scale value (VFS) for the maximum input signal
voltage.
For negative input voltages, a resistive level-shifter should be used in front of the analog input (see Figure 61b). The level-
shifter should be calculated so that its output is higher than 0V for the minimum input signal voltage.
Filtering the Noise on Voltage Input Signals
Noise may be coupled to the input signal for various reasons, including close proximity to digital circuits. The slow change
rate of the input signals, makes it possible to use an external low pass filter (LPF). This can be implemented by placing a
capacitor (CF) between the divider output and AGND, as shown in Figure 61. The cutoff frequency of this LPF should be at
least 22 times the maximum signal frequency required to be measured with a 10-bit accuracy (a smaller capacitor may be
used when a lower accuracy is acceptable). The formula below demonstrates the calculation of the components.
f(-3dB) =1/(2 * π * Req * CF)
where:
Req = (R1* R2) / (R1 + R2)
Calculating the Voltage Channel Delay
The Voltage measurement delay time (tVD) is the period between input selection and the A/D conversion start. This delay
should be long enough to guarantee the voltage settling at the input of the A/D converter to within 1/2 LSB. This includes
the input interface circuits of the ADC and the externally added noise-rejection filters (if applicable). Figure 62 shows the
equivalent R-C circuit of a filtered input. Req represents the equivalent resistance of the input divider or level-shifter (see the
preceding section, “Filtering the Noise on Voltage Input Signals”). CF is the filter capacitor. The Input Interface Circuit in-
cludes the input the multiplexer.
Since the R-C of the input circuit is short, typically, all that is required is a very short delay, which shortens the overall mea-
surement time. The delay length may be sized during development by increasing the delay time from the minimum value to
the point were the ADC readout is not affected by the delay value (i.e., use the minimal delay to which the ADC readout is
invariant).
.
Thermistor-Based Temperature Measurement
The ADC is capable of measuring temperature by means of NTC or PTC thermistor devices. These elements change their
resistance according to their temperature. The resistance change is converted to voltage by connecting the element in a
voltage divider between AVCC and AGND, as shown in Figure 63. The translation of voltage to temperature is determined
by the parameters of the NTC/PTC thermistor in use.
R1
VIN (12V)
R2
ADn
R1
R2
ADn
VIN (-12V)
AVCC
AGND
AGND
Figure 61. Measurement of Positive and Negative Voltages
a. VIN > VFS
b. VIN < 0
CF
CF
Input
Signal
Figure 62. Filtered Voltage Input Equivalent Circuit
Interface
ADn
Circuit
Req
VIN
CF
Input
A/D Converter
Σ−∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com