Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 183 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 183 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 179Page - National Semiconductor (TI) PC87591L Datasheet HTML 180Page - National Semiconductor (TI) PC87591L Datasheet HTML 181Page - National Semiconductor (TI) PC87591L Datasheet HTML 182Page - National Semiconductor (TI) PC87591L Datasheet HTML 183Page - National Semiconductor (TI) PC87591L Datasheet HTML 184Page - National Semiconductor (TI) PC87591L Datasheet HTML 185Page - National Semiconductor (TI) PC87591L Datasheet HTML 186Page - National Semiconductor (TI) PC87591L Datasheet HTML 187Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
183
www.national.com
Voltage Channel 1 Control Register (VCHN1CTL)
This register both controls the operation and indicates the status of Voltage Channel 1. VCHN1CTL is set to 1F16 on reset.
Location: 00 FF3416
Type: Varies per bit
Bit
76543210
Name
DATVAL
CSCALE
INTDVEN
SELIN
Reset
00011111
Bit
Type
Description
4-0
R/W
SELIN (Selected Input). Selects a voltage input to be measured during the next ADC cycle. The new
value should be set before the beginning of the channel measurement. When read, this field indicates
to which input the contents of the channel data buffer belongs. When written, it selects a new input for
the next channel measurement. See Figure 60 on page 172 for details on the channel input signals
connection to pins.
The channel is disabled by setting this field to 111112. When disabled, the channel is “skipped”,
enabling a higher measurement rate for the remaining channels (shorter ADC cycle). The DATVAL bit
is cleared
Bits
4 3 2 1 0
Description
0 0 0 0 0:
Channel 0
0 0 0 0 1:
Channel 1
....
0 1 0 0 0:
Channel 8 (Available when REMDEN bit in ADCCNF register is cleared)
0 1 0 0 1:
Channel 9 (Available when REMDEN bit in ADCCNF register is cleared)
0 1 0 1 0:
Channel 10
....
0 1 1 0 1:
Channel 13
Other:
Reserved
1 1 1 1 1:
Channel Disabled (default)
5
R/W
INTDVEN (Interrupt from Data Valid Enable). Enables generation of an ADC interrupt on a Voltage
Channel 1, Data Valid event (End-of-conversion).
0: Disabled (default)
1: Enabled - ADC Interrupt from local DATVAL
6
R/W
CSCALE (Channel Scale). Controls the input scale of the input for the channel to be converted (as
selected by SELIN field).
0: Channel uses the high range scale (default)
1: Channel uses the low range scale
7
R/W1C DATVAL (Data Valid). Voltage Channel 1 Data Buffer contains new data. The data may be read
immediately or at the end-of-cycle. This flag is cleared when the channel is disabled, when the ADC
module is disabled (ADCEN in ADCCNF register is cleared) or by a write of 1 to it.
0: No new valid data in VCHN1DAT register (default)
1: End of conversion - new data is available in the buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com