Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 181 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 181 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 177Page - National Semiconductor (TI) PC87591L Datasheet HTML 178Page - National Semiconductor (TI) PC87591L Datasheet HTML 179Page - National Semiconductor (TI) PC87591L Datasheet HTML 180Page - National Semiconductor (TI) PC87591L Datasheet HTML 181Page - National Semiconductor (TI) PC87591L Datasheet HTML 182Page - National Semiconductor (TI) PC87591L Datasheet HTML 183Page - National Semiconductor (TI) PC87591L Datasheet HTML 184Page - National Semiconductor (TI) PC87591L Datasheet HTML 185Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
181
www.national.com
Local Diode Overtemperature Limit Register (TLOCOTL)
This register holds the limit value used for overtemperature detection. TLOCOTL is set to 7F16 on reset.
Location: 00 FF2816
Type: R/W
ADC Parameters Index Register (ADCPINX)
This register holds an index to the ADC parameters registers. Use it while initializing the ADC (see “Initializing the ADC” on
page 174 for more details). ADCPINX is cleared (0016) on reset.
Location: 00 FF2A16
Type: R/W
ADC Parameters Data Register (ADCPD)
This register enables access to the ADC parameters registers. Use it while initializing the ADC (see “Initializing the ADC” on
page 174 for more details).
Location: 00 FF2C16
Type: R/W
Bit
76543210
Name
OTSLIM
Reset
01111111
Bit
Description
7-0
OTSLIM (Overtemperature Limit Value). Threshold value for Overtemperature Event detection. Whenever the
temperature measured by the local (internal) diode exceeds this limit, the OTSEV bit is set, an interrupt is sent
to the core (if INTOTEN in ADCCNF register is set to 1) and the OTS signal becomes active. To calculate the
required value for a specific temperature limit, see Section 4.11.4 on page 173.
Range:
−128 to +127 (default is +127; these are decimal values); 8-bit, 2s complement value with 1 LSB = 1oC.
Bit
76543210
Name
Index
Reset
00000000
Bit
Description
7-0
Index. Defines which parameter register is being accessed by the ADCPD register.
Bit
15
14
13
12
11
10
9876543210
Name
Parameter Data
Bit
Description
15-0 Parameter Data. The register is used to access the ADC parameters register that the Index register (ADCPINX)
points to.
Writing 0116 to index 0016 locks the parameter data registers from any further writes until the next reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com