Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 184 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 184 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 180Page - National Semiconductor (TI) PC87591L Datasheet HTML 181Page - National Semiconductor (TI) PC87591L Datasheet HTML 182Page - National Semiconductor (TI) PC87591L Datasheet HTML 183Page - National Semiconductor (TI) PC87591L Datasheet HTML 184Page - National Semiconductor (TI) PC87591L Datasheet HTML 185Page - National Semiconductor (TI) PC87591L Datasheet HTML 186Page - National Semiconductor (TI) PC87591L Datasheet HTML 187Page - National Semiconductor (TI) PC87591L Datasheet HTML 188Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
184
Revision 1.07
Voltage Channel 1 Data Buffer (VCHN1DAT)
This register (buffer) holds the data measured by Voltage Channel 1.
Location: 00 FF3616
Type: RO
Voltage Channel 2 Control Register (VCHN2CTL)
This register controls the operation and indicates the status of Voltage Channel 2. VCHN2CTL is set to 1F16 on reset.
Location: 00 FF3816
Type: Varies per bit
Voltage Channel 2 Data Buffer (VCHN2DAT)
This register (buffer) holds the data measured by the Voltage Channel 2.
Location: 00 FF3A16
Type: RO
Bit
15
14
13
12
11
10
9876543210
Name
Reserved
VCHDAT
Bit
Description
9-0
VCHDAT (Voltage Channel 1 Data). Selected input voltage data, measured by Voltage Channel 1. To calculate
the voltage, see Section 4.11.3 on page 173. VCHN1DAT holds valid result when DATVAL bit in VCHN1CTL
register is set. To prepare for consecutive result, clear DAVAL after reading the data from VCHDAT.
Range: 0 to 1023 (0 to VFS); 10-bit, unsigned value with 1 LSB = VFS/1024 (the value at reset is undefined).
15-10 Reserved.
Bit
76543210
Name
DATVAL
CSCALE
INTDVEN
SELIN
Reset
00011111
Bit
Type
Description
4-0
R/W
SELIN (Selected Input). Same as Voltage Channel 1.
5
R/W
INTDVEN (Interrupt from Data Valid Enable). Same as Voltage Channel 1.
6
R/W
CSCALE (Channel Scale). Same as Voltage Channel 1.
7
R/W1C DATVAL (Data Valid). Same as Voltage Channel 1.
Bit
15
14
13
12
11
10
9876543210
Name
Reserved
VCHDAT
Bit
Description
9-0
VCHDAT (Voltage Channel 2 Data). Same as Voltage Channel 1.
15-10 Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com