Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 180 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 180 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 176Page - National Semiconductor (TI) PC87591L Datasheet HTML 177Page - National Semiconductor (TI) PC87591L Datasheet HTML 178Page - National Semiconductor (TI) PC87591L Datasheet HTML 179Page - National Semiconductor (TI) PC87591L Datasheet HTML 180Page - National Semiconductor (TI) PC87591L Datasheet HTML 181Page - National Semiconductor (TI) PC87591L Datasheet HTML 182Page - National Semiconductor (TI) PC87591L Datasheet HTML 183Page - National Semiconductor (TI) PC87591L Datasheet HTML 184Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
180
Revision 1.07
ADC Delay Control Register (ADLYCTL)
This register controls the delay between “input switching” and “conversion start” for the voltage and temperature channels.
ADLYCTL is set to A716 on reset.
Location: 00 FF2616
Type: R/W
Bit
76543210
Name
TMPDLY
Reserved
VOLDLY
Reset
10100111
Bit
Description
2-0
VOLDLY (Voltage Channel Delay). Compensates for the settling time of the input interface and externally added
filter (if used). The conversion of the VOLDLY value to delay, in terms of ADC clock cycles, is shown below. To
calculate the required value and the resulting delay time, see Section 4.11.3 on page 173 and “Calculating the
Voltage Channel Delay” on page 186.
VOLDLY Value
Bits
2 1 0:
Voltage Channel Delay (ADC Clock Cycles)
0 0 1:
4
0 1 0:
8
0 1 1:
16
1 0 0:
32
1 0 1:
64
1 1 0:
128
1 1 1:
256 (default)
Other:
Reserved
3
Reserved.
7-4
TMPDLY (Temperature Channel Delay). Compensates for the settling time of the input interface and externally
added filter (if used). The conversion of the TMPDLY value to delay, in terms of ADC clock cycles, is shown
below. To calculate the required value and the resulting delay time, see Section 4.11.4 on page 173 and
“Calculating the Temperature Channel Delay” on page 188.
TMPDLY Value
Bits
7 6 5 4 Temperature Channel Delay (ADC Clock Cycles)
0 0 0 1: 32
0 0 1 0: 64
0 0 1 1: 128
0 1 0 0: 256
0 1 0 1: 512
0 1 1 0: 1024
0 1 1 1: 2048
1 0 0 0: 4096
1 0 0 1: 8192
1 0 1 0: 16384 (default)
Other:
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com