Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 191 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 191 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 187Page - National Semiconductor (TI) PC87591L Datasheet HTML 188Page - National Semiconductor (TI) PC87591L Datasheet HTML 189Page - National Semiconductor (TI) PC87591L Datasheet HTML 190Page - National Semiconductor (TI) PC87591L Datasheet HTML 191Page - National Semiconductor (TI) PC87591L Datasheet HTML 192Page - National Semiconductor (TI) PC87591L Datasheet HTML 193Page - National Semiconductor (TI) PC87591L Datasheet HTML 194Page - National Semiconductor (TI) PC87591L Datasheet HTML 195Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
191
www.national.com
When the value of DACDATA7-0 is 0016, the respective output has an output signal of 0V (AGND). When the value of
DACDATn register is FF16, the respective output has an output signal of (255/256) * AVCC. For other values, as shown in
Figure 66:
VOUT = (DACDATAn) * (AVCC / 256)
Reference Voltage
The analog output voltages are converted relative to a reference voltage. The reference voltage of the converters is the an-
alog power supply. To assure good signal quality at the output, a low-noise analog power supply should be used.
Conversion Time
When a DAC channel is enabled, the conversion is started by writing to DACDATn registers. The output settling time is de-
fined as the time the DAC requires to get to within 1/2 LSB of the final value; see “Output Settling Time” on page 195.
0
1
2
3
(256)
255
254
. . . .
0
1/256
2/256
3/256
254/256
255/256
1
Level Data
[LSBits]
Voltage Ratio to AVCC
Figure 66. Channel Data to Output Voltage Ratio Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com