Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 195 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 195 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 191Page - National Semiconductor (TI) PC87591L Datasheet HTML 192Page - National Semiconductor (TI) PC87591L Datasheet HTML 193Page - National Semiconductor (TI) PC87591L Datasheet HTML 194Page - National Semiconductor (TI) PC87591L Datasheet HTML 195Page - National Semiconductor (TI) PC87591L Datasheet HTML 196Page - National Semiconductor (TI) PC87591L Datasheet HTML 197Page - National Semiconductor (TI) PC87591L Datasheet HTML 198Page - National Semiconductor (TI) PC87591L Datasheet HTML 199Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
195
www.national.com
Output Settling Time
The DAC output settling time depends on the external load characteristics and the required accuracy. Figure 68 shows the
equivalent circuit used for evaluating DAC behavior. Each DAC output has a typical output impedance of 3 K
Ω. For example,
if the total load is a 50 pF capacitor only, the output settles to 1/2 LSB within 1
µs. The total load capacitance is comprises
the analog output capacitance (CAO) and the external load capacitance (CL).
Filtering Noise on Output Signals
Output signals may have unwanted noise caused by nearby digital circuits. When using slow changing signals in a noisy
environment, a low-pass filter (LPF) may be added externally. This may also be required in applications where the DAC out-
puts control sensitive circuits like audio amplifiers. This can be implemented as a simple RC circuit. The cutoff frequency of
this LPF should be above the required signal frequency.
Figure 68. DAC Output Equivalent Circuit
CL
RO
CAO
RL
Application
DAC Output
Equivalent Circuit
Load Circuit
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com