Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 196 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 196 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 192Page - National Semiconductor (TI) PC87591L Datasheet HTML 193Page - National Semiconductor (TI) PC87591L Datasheet HTML 194Page - National Semiconductor (TI) PC87591L Datasheet HTML 195Page - National Semiconductor (TI) PC87591L Datasheet HTML 196Page - National Semiconductor (TI) PC87591L Datasheet HTML 197Page - National Semiconductor (TI) PC87591L Datasheet HTML 198Page - National Semiconductor (TI) PC87591L Datasheet HTML 199Page - National Semiconductor (TI) PC87591L Datasheet HTML 200Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
196
Revision 1.07
4.13 ACCESS.BUS (ACB) INTERFACE
The PC87591x includes two ACCESS.bus interface modules. The registers of each module are prefixed with ACBn, where
‘n’ is module number 0 or 1. The signal names are suffixed with ‘n’.
Each ACCESS.bus (ACB) interface is a two-wire serial interface that is compatible with the ACCESS.bus physical layer. It
is also compatible with Intel’s SMBus and Philips’ I2C bus. The module can be configured as either a bus master or slave
and can maintain bidirectional communication with multiple master and slave devices. As a slave device, the ACB module
may issue a request to become the bus master.
The ACB interface provides full support for a two-wire ACCESS.bus synchronous serial interface. It permits easy interfacing
to a wide range of low-cost memories and I/O devices, including EEPROMs, SRAMs, timers, A/D converters, D/A convert-
ers, clock chips and peripheral drivers.
4.13.1 Features
●
ACCESS.bus, SMBus and I2C compliant
●
ACCESS.bus master
●
ACCESS.bus slave
— One or two user-defined addresses
— Global (broadcast) address
— ARP address
●
Supports polling- or interrupt-controlled operation
●
Generates a wake-up signal on detection of a Start Condition in Power-Down mode
●
Optional internal pull-up on SDAn and SCLn pins
4.13.2 Functional Description
The ACCESS.bus protocol uses a two-wire interface for bidirectional communication between the ICs connected to the bus.
The two interface lines are the Serial Data Line (SDL) and the Serial Clock Line (SCLn). These lines should be connected
to a positive supply via a pull-up resistor and remain high even when the bus is idle.
The ACCESS.bus protocol supports multiple master and slave transmitters and receivers. Each IC has a unique address
and can operate as a transmitter or a receiver. Some peripherals are receivers only.
During data transactions, the master device initiates the transaction, generates the clock signal and terminates the transac-
tion. For example, when the ACB initiates a data transaction with an attached ACCESS.bus-compliant peripheral, the ACB
becomes the master. When the peripheral responds and transmits data to the ACB, their master/slave (data transaction ini-
tiator and clock generator) relationship is unchanged even though their transmitter/receiver functions are reversed.
Data Transactions
One data bit is transferred during each clock pulse. Data is sampled during the high state of the serial clock (SCLn). Con-
sequently, throughout the clock’s high period, the data should remain stable (see Figure 69). Any change on the SDAn line
while SCLn is in high state during a transaction causes the current transaction to abort. New data should be sent during the
low SCLn state. This protocol permits a single data line to transfer both command/control information and data, using the
synchronous serial clock.
Each data transaction is composed of a Start Condition, a number of byte transfers (set by the software) and a Stop Condi-
tion to terminate the transaction. Each byte is transferred with the most significant bit first. An Acknowledge signal must fol-
low each byte (8 bits). The following sections provide further details of this process.
SDAn
SCLn
Data Line
Stable:
Data Valid
Change
of Data
Allowed
Figure 69. Bit Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com