Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 194 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 194 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 190Page - National Semiconductor (TI) PC87591L Datasheet HTML 191Page - National Semiconductor (TI) PC87591L Datasheet HTML 192Page - National Semiconductor (TI) PC87591L Datasheet HTML 193Page - National Semiconductor (TI) PC87591L Datasheet HTML 194Page - National Semiconductor (TI) PC87591L Datasheet HTML 195Page - National Semiconductor (TI) PC87591L Datasheet HTML 196Page - National Semiconductor (TI) PC87591L Datasheet HTML 197Page - National Semiconductor (TI) PC87591L Datasheet HTML 198Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
194
Revision 1.07
DAC Data Channel 0-3 Registers (DACDAT0-3)
These registers hold the data to be loaded into Channels 0-3 of the DAC. These registers are not affected by reset or disable
of the respective channel.
Location: Channel 0 - 00 FF4216
Channel 1 - 00 FF4416
Channel 2 - 00 FF4616
Channel 3 - 00 FF4816
Type: R/W
4.12.6 Usage Hints
Power Consumption
When a channel is enabled and no load is connected, the DAC current consumption depends on the value set in DACDAT
register. Minimal current is consumed when the data is 0016; maximum current is consumed when the data is 5516.
DAC Output Protection
To maintain the high performance of the analog circuits, the DAn (n=0 to 3) pins are not back-drive protected. Therefore, the
voltage applied to these pins must be within the AGND to AVCC range; otherwise the device may be damaged.
External circuits should not drive currents into these pins when the PC87591x is not powered up, because this may cause
the internal power-up reset circuit to fail.
Output Voltage Accuracy
Besides the intrinsic accuracy of the D/A channels, the output voltage accuracy directly depends on the accuracy of the
AVCC power supply, which serves as reference voltage. In order to improve the accuracy of the output voltage, the actual
AVCC value, measured by the ADC module (see Section 4.11 on page 170), should be used when computing the value of
DACDATA7-0 in DACDATn registers (see Section 4.12.3 on page 190).
The external load on DA0-3 pins may also affect the final output voltage of the DAC. Since the output resistance of these
pins is typically 3 K
Ω, use high-impedance loads; if high accuracy or high output currents are required, use external analog
drivers.
For the worst case calculation, if the output resistance is 4 K
Ω (maximum limit), the external load (R
L) must not be lower
than 2 M
Ω (see Figure 68). In this case, the error caused by the load is lower than 1/2 LSB.
To work with loads of 3 K
Ω (1 mA at 3V) with an error lower than 1/2 LSB, the output resistance of the external driver should
be lower than:
ROEXT <3 KΩ /(2*256) = 5.8 Ω
Bit
76543210
Name
DAC DATAi
Bit
Description
7-0
DAC Data. 8-bit unsigned binary value used for the D/A operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com