Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 197 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 197 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 193Page - National Semiconductor (TI) PC87591L Datasheet HTML 194Page - National Semiconductor (TI) PC87591L Datasheet HTML 195Page - National Semiconductor (TI) PC87591L Datasheet HTML 196Page - National Semiconductor (TI) PC87591L Datasheet HTML 197Page - National Semiconductor (TI) PC87591L Datasheet HTML 198Page - National Semiconductor (TI) PC87591L Datasheet HTML 199Page - National Semiconductor (TI) PC87591L Datasheet HTML 200Page - National Semiconductor (TI) PC87591L Datasheet HTML 201Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
197
www.national.com
At each clock cycle, the slave can stall the master while it handles the previous data or prepares new data. The slave does
this, for each bit transferred or on a byte boundary, by holding SCLn low to extend the clock low period. Typically, slaves
extend the first clock cycle of a transfer if a byte read has not yet been stored or if the next byte to be transmitted is not yet
ready. Some microcontrollers with limited hardware support for the ACCESS.bus extend the access after each bit, thus al-
lowing the software time to handle this bit.
The ACCESS.bus master generates Start and Stop Conditions (control codes). After a Start Condition is generated, the bus
is considered busy. It retains this status for a given amount of time after a Stop Condition is generated. A high-to-low tran-
sition of the data line (SDAn) while the clock (SCLn) is high indicates a Start Condition. A low-to-high transition of the SDAn
line while the SCLn is high indicates a Stop Condition (Figure 70).
In addition to the first Start Condition, a Repeated Start Condition can be generated in the middle of a transaction. This allows
either another device to be accessed or a change in the direction of the data transfer.
Acknowledge Cycle
The Acknowledge cycle consists of two signals:
●
Acknowledge Clock pulse is sent by the master with each byte transferred
●
Acknowledge signal is sent by the receiving device (Figure 71)
The master generates the Acknowledge clock pulse on the ninth clock pulse of the byte transfer. The transmitter releases
the SDAn line (permitting it to go high) to allow the receiver to send the Acknowledge signal.The receiver pulls down the
SDAn line during the Acknowledge clock pulse, thus signalling that it has correctly received the last data byte and is ready
to receive the next byte. Figure 72 illustrates the Acknowledge cycle.
SDAn
SCLn
S
P
Start
Condition
Stop
Condition
Figure 70. Start and Stop Conditions
S
P
Start
Condition
Stop
Condition
SDAn
SCLn
MSB
ACK
ACK
12 3 - 6
7
8
9
1
2
3 - 8
9
Acknowledge Signal
from Receiver
Byte Complete
Interrupt within
Receiver
Clock Line Held
Low by Receiver
while Interrupt
is Serviced
Figure 71. ACCESS.bus Data Transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com