Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 339 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 339 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 335Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 336Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 337Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 338Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 339Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 340Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 341Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 342Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 343Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 355 page
background image
38B5 Group User’s Manual
3-91
APPENDIX
3.12 M35501FP
DESCRIPTION
The M35501FP generates digit signals for fluorescent display
when connected to the output port of a microcomputer. There are
up to 16 digit pins available, and more can be added by connect-
ing additional M35501FPs. The number of fluorescent displays
can be increased easily by connecting the M35501FP to the
CMOS FLD output pins of an 8-bit microcomputer in
MITSUBISHI’s 38B5 Group. The M35501FP is suitable for fluores-
cent display control on household electric appliances, audio
products, etc.
Outline: 24P2E-A
24-pin plastic-molded SSOP
PIN CONFIGURATION (TOP VIEW)
Fig. 3.12.1 Pin configuration of M35501FP
1
2
3
4
5
678
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
M35501FP
FEATURES
qDigit output ............................................................. 16 (maximum)
•Up to 16 pins can be selected
•More digits available by connecting additional M35501FPs
•Output structure: high-breakdown voltage, P-channel open-
drain; built-in pull-down resistor between digit output pins and
VEE pin
qPower-on reset circuit ........................................................ Built-in
qPower source voltage ................................................ 4.0 to 5.5 V
qPull-down power source voltage ................................ Vcc – 43 V
qOperating temperature range ................................... –20 to 85 °C
qPackage ............................................................................. 24P2E
qPower dissipation .............. 250
µW (at 100 kHz operation clock)
3.12 M35501FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com