Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 340 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 340 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 336Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 337Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 338Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 339Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 340Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 341Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 342Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 343Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 344Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 355 page
background image
3-92
APPENDIX
38B5 Group User’s Manual
3.12 M35501FP
FUNCTIONAL BLOCK
Fig. 3.12.2 Functional block diagram
PIN DESCRIPTION
Table 3.12.1 Pin description
Pin
VCC, VSS
RESET
CLK
SEL
OVFIN
OVFOUT
DIG15–
DIG0
VEE
Name
Power source input
Reset input
Clock input
Select input
Overflow signal input
Overflow signal output
Digit output
Pull-down power source input
Function
Apply 4.0–5.5 V to Vcc, and 0V to Vss.
Reset internal shift register (built-in power-on reset
circuit).
Digit output varies according to rising edge of clock
input.
Use when specifying the number of digits.
Input “H” when using one M35501FP. Connect to
OVFOUT pin of additional M35501FPs when using
multiple M35501FPs (to use 17 digits or more).
Leave open when using one M35501FP. Connect to
OVFIN pin of additional M35501FPs when using multiple
M35501FPs (to use 17 digits or more).
Output the digit output waveform of fluorescent
display. Leave open when not in use (VEE level
output).
Apply voltage to DIG0–DIG15 pull-down resistors.
Output Structure
–
CMOS input level
Built-in pull-up resistor
CMOS input level
Built-in pull-down resistor
CMOS input level
Built-in pull-down resistor
CMOS input level
CMOS output
High-breakdown-voltage
P-channel open-drain output
Built-in pull-down resistor
–
Fig. No.
–
3
2
2
4
5
1
–
VEE
DIG15 DIG14 DIG13 DIG12 DIG11 DIG10 DIG9 DIG8 DIG7 DIG6 DIG5 DIG4 DIG3 DIG2 DIG1 DIG0
24
5
2
7
6
3
1
4
Power-on
reset
Optional digit
counter
Shift register
OVFOUT
OVFIN
VCC
VSS
RESET
CLK SEL
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com