Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 125 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 125 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 121Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 122Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 123Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 124Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 125Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 126Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 127Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 128Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 129Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-37
2.3 Serial I/O
Serial I/O1 control register 1
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O1 control register 1
(SIO1CON1•SC11: address 1916)
b
0
Name
0
Functions
At reset R W
Serial transfer
selection bits
1
0
2
0
3
0
Serial I/O1
synchronous clock
selection bits
(P65/SSTB1 pin
control bits)
4
0
Serial I/O
initialization bit
0: Serial I/O initialization
1: Serial I/O enabled
5
0
Transfer mode
selection bit
7
0
6
0
Transfer direction
selection bit
0: LSB first
1: MSB first
0 0: Internal synchronous
clock (P65 pin is I/O
port.)
0 1: External synchronous
clock (P65 pin is I/O
port.)
1 0: Internal synchronous
clock (P65 pin is
SSTB1 output.)
1 1: Internal synchronous
clock (P65 pin is
SSTB1 output.)
0: SCLK11 (P53/SCLK12 pin
is I/O port.)
1: SCLK12 (P52/SCLK11 pin
is I/O port.)
0 0: Serial I/O disabled
(Pins P62, P64, P65,
P50–P53 pins are I/O
ports.)
0 1: 8-bit serial I/O
1 0: Not available
1 1: Automatic transfer
serial I/O (8 bits)
0: Full-duplex
(transmit/receive) mode
(P50 pin is SIN1 input.)
1: Transmit-only mode
(P50 pin is I/O port.)
b1b0
b3b2
Serial I/O1 clock pin
selection bit
Fig. 2.3.3 Structure of Serial I/O1 control register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com