Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 129 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 129 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 125Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 126Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 127Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 128Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 129Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 130Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 131Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 132Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 133Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-41
2.3 Serial I/O
Baud rate generator
b7 b6 b5 b4 b3 b2 b1 b0
Baud rate generator
(BRG: address 1616)
b
0
Undefined
Functions
At reset R W
1
Undefined
2
Undefined
3
Undefined
4
Undefined
5
Undefined
6
Undefined
7
Undefined
• Bit rate of the serial transfer is determined.
• This is the 8-bit counter and has the reload
register.
The count source is divided by n+1 owing to
specifying a value n.
Fig. 2.3.8 Structure of UART control register
Fig. 2.3.7 Structure of Baud rate generator
(2)
Serial I/O2
UART control register
b7 b6 b5 b4 b3 b2 b1 b0
UART control register
(UARTCON: address 1716)
0: 8 bits
1: 7 bits
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0: Parity checking disabled
1: Parity checking enabled
0
0: Even parity
1: Odd parity
0
0: 1 stop bit
1: 2 stop bits
0
0
0
0
1
Character length
selection bit (CHAS)
Parity enable bit
(PARE)
Stop bit length
selection bit (STPS)
P55/TxD P-channel
output disable bit
(POFF)
Serial I/O2 clock
I/O pin selection bit
Parity selection bit
(PARS)
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “1”.
0: CMOS output (in output
mode)
1: N-channel open-drain
output (in output mode)
BRG clock switch bit 0: XIN or XCIN/2 (depending
on internal system clock)
1: XCIN
0: SCLK21 (P57/SCLK22 pin is
used as I/O port or SRDY2
output pin.)
1: SCLK22 (P56/SCLK21 pin is
used as I/O port.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com