Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 188 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 188 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 184Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 185Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 186Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 187Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 188Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 189Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 190Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 191Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 192Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 355 page
background image
38B5 Group User’s Manual
2-100
APPLICATION
2.4 FLD controller
P20–P27
P00, P01
P30, P31
P10–P17
P04–P07
Segment
Digit
Digit
SP EP
REC
s
LEVEL
AM
PM
CH
SUN MON TUE WED THU FRI SAT
q
L
R
38B5 Group
Key-matrix
Panel with fluorescent display (FLD)
q
q
q
(2)
Key-scan using FLD automatic display and digits
Outline: Key read-in with digit output waveforms is performed by software using the FLD automatic
display mode.
Fig. 2.4.21 Connection diagram
Specifications: •Use of total 20 FLD ports (10 digits, 8 key-scan included; 10 segments)
•Use of FLD automatic display mode
•Display in gradation display mode and 16 timing mode
•Toff1 = 40 ms, Toff2 = 64 ms, Tdisp = 204 ms, Tscan = 0 ms, f(XIN) = 4 MHz
•Use of FLD digit interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com