Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 187 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 187 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 183Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 184Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 185Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 186Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 187Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 188Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 189Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 190Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 191Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 355 page
background image
2-99
38B5 Group User’s Manual
APPLICATION
2.4 FLD controller
P2 (address 000416)
P2FPR (address 0EFA16)
FLDM (address 0EF416), bit 0
0016
111111112
1
Push registers to stack, etc.
FLDM (address 0EF416), bit 0
P1 (address 000216)
P3 (address 000616), bit 0, bit 1
P2FPR (address 0EFA16)
P2 (address 000416)
0
0016
002
000000002
0016
Key-scan is completed ? (Note)
Y
N
FLD blanking interrupt routine
Switching from automatic display mode to general-purpose mode
Setting of “L” level to port corresponding to digit
Setting of port to be used for key-scan to general-purpose port
Output of “L” level from all ports for key-scan
Wait until “H” level output of P2 is stabilized
Set data table for key-scan to P2 (address
000416)
Wait for key-scan
Transfer the contents of P04 to P07 (address
000016) to RAM
Update the data table pointer for key-scan
Set key-scan completion flag
Initialize data table pointer for key-scan
RTI
Keys read-in
(Set the port P0 direction register (P0D) (address
000116) to the input mode in the initialization, etc.)
Note: If key-scan is not completed within Tscan set
time, perform key-scan separately.
Segment key-scan
Data table reference pointer for the next key-scan updated
Setting of flag which judge whether key-scan is completed or not
Output of “L” level from all key-scan ports
Setting of general-purpose ports to FLD ports
Switching from general-purpose mode to the automatic
display mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com