Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 183 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 183 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 179Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 180Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 181Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 182Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 183Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 184Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 185Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 186Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 187Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 355 page
background image
2-95
38B5 Group User’s Manual
APPLICATION
2.4 FLD controller
Tdisp time set register (address 0EF516)
TDISP
3216
50 (3216) set; (50 + 1) ! count source = 204
µs
Count source = f(XIN)/16 = 4
µs, at f(XIN) = 4 MHz
Toff1 time set register (address 0EF616)
TOFF1
A16
10 (A16) set; 10 ! count source = 40
µs
Count source = f(XIN)/16 = 4
µs, at f(XIN) = 4 MHz
16 (1016) set; 16 ! count source = 64
µs
Count source = f(XIN)/16 = 4
µs, at f(XIN) = 4 MHz
TOFF2
1016
Note: Perform this setting when the gradation display mode is selected.
FLD data pointer (address 0EF816)
00 100 1
Set {(digit number) – 1} = 9
FLDDP
0
0
Disable writing to FLDRAM corresponding to P10 to P17
P1FLDRAM write disable register (address 0EF216)
P1FLDRAM
1
11
111 11
P3FLDRAM write disable register (address 0EF316)
Disable writing to FLDRAM corresponding to P30, P31
P3FLDRAM
11
Interrupt request register 2 (address 003D16)
0
Clear FLD blanking interrupt request bit
IREQ2
1
FLD blanking interrupt: Enabled
ICON2
0
Display start
FLDC mode register (address 0EF416)
1 0
1 0 1 1 1 1
FLDM
Toff2 time set register (address 0EF716)
Interrupt control register 2 (address 003F16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com