Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 179 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 179 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 175Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 176Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 177Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 178Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 179Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 180Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 181Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 182Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 183Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 355 page
background image
2-91
38B5 Group User’s Manual
APPLICATION
2.4 FLD controller
Fig. 2.4.12 Structure of port P8FLD output control register
Fig. 2.4.13 Structure of interrupt request register 2
R W
Port P8FLD output control register
b7 b6 b5 b4 b3 b2 b1 b0
Port P8FLD output control register
(P8FLDCON : address 0EFC16)
b
0
1
Name
0
Functions
At reset
0
P84–P87 FLD
output reverse bit
P84–P87/FLDRAM
write disable bit
0 : Output normally
1 : Reverse output
0 : Operating normally
1 : Write disabled
2
0
P84–P87 Toff
invalid bit
0 : Operating normally
1 : Toff invalid
3
0
P84–P87 delay
control bit (Note)
0 : No delay
1 : Delay
4
5
6
0
0
0
0
P63/AN9 dimmer
output control bit
0 : Ordinary port
1 : Dimmer output
7
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.
Toff2 control bit
0 : Operating normally
(falling operation)
1 : Rising operation
Note: Valid only when selecting FLD port and P84–P87 Toff invalid function
Interrupt request register 2
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register 2
(IREQ2 : address 3D16)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
Timer 4 interrupt
request bit (Note)
Timer 5 interrupt
request bit
Serial I/O2 receive
interrupt request bit
INT3/serial I/O2
transmit interrupt
request bit (Note)
INT4 interrupt
request bit
A-D converter
interrupt request bit
FLD blanking
interrupt request bit
FLD digit interrupt
request bit
Timer 6 interrupt
request bit
0
V
V
V
V
V
V
V
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the contents
are “0”.
V: “0” can be set by software, but “1” cannot be set.
Note: In the mask option type P, if timer 4 interrupt whose count source is
CNTR1 input and INT3 interrupt are selected, these bits do not
become “1”.
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com