Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 176 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 176 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 172Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 173Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 174Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 175Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 176Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 177Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 178Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 179Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 180Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 355 page
background image
38B5 Group User’s Manual
2-88
APPLICATION
2.4 FLD controller
Fig. 2.4.6 Structure of Toff1 time set register
Fig. 2.4.7 Structure of Toff2 time set register
Toff1 time set register
b7 b6 b5 b4 b3 b2 b1 b0
Toff1 time set register
(TOFF1: address 0EF616)
b
0
1
Functions
At reset R W
1
1
2
1
3
1
4
1
5
1
7
1
1
6
•Set the Toff1 time.
•When a value n1 is written to this register,
Toff1 time is expressed as Toff1 = n1 ! count
source.
(Example)
When the following condition is satisfied, Toff1
becomes 120
µs (= 30 ! 4 µs);
•f(XIN) = 4 MHz
•bit 6 of FLDC mode register = 0
(f(XIN)/16 is selected as Tdisp counter count
source.)
•Toff1 time set register = 30 (1E16).
Note: Set value of 0316 or more.
Toff2 time set register
b7 b6 b5 b4 b3 b2 b1 b0
Toff2 time set register
(TOFF2: address 0EF716)
b
0
1
Functions
At reset R W
1
1
2
1
3
1
4
1
5
1
7
1
1
6
•Set the Toff2 time.
•When a value n2 is written to this register,
Toff2 time is expressed as Toff2 = n2 ! count
source.
However, setting of Toff2 time is valid only for
the FLD port which is satisfied the following;
•gradation display mode
•value of FLD automatic display RAM (in
gradation display mode) = “1” (dark display).
(Example)
When the following condition is satisfied, Toff2
becomes 720
µs (= 180 ! 4 µs);
•f(XIN) = 4 MHz
•bit 6 of FLDC mode register = 0
(f(XIN)/16 is selected as Tdisp counter count
source.)
•Toff2 time set register = 180 (B416).
Note: When the Toff2 control bit (b7) of the port P8FLD output control
register (address 0EFC16) is set to “1”, set value of 0316 or
more to the Toff2 control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com