Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 180 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 180 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 176Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 177Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 178Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 179Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 180Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 181Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 182Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 183Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 184Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 355 page
background image
38B5 Group User’s Manual
2-92
APPLICATION
2.4 FLD controller
Fig. 2.4.14 Structure of interrupt control register 2
Interrupt control register 2
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt control register 2
(ICON2 : address 3F16)
b
0
0
1
2
3
4
Name
0
Functions
At reset R W
0
0
0
0
Timer 5 interrupt
enable bit
Serial I/O2 receive
interrupt enable bit
INT3/serial I/O2
transmit interrupt
enable bit (Note)
Timer 6 interrupt
enable bit
0 : interrupt disabled
1 : Interrupt enabled
0 : interrupt disabled
1 : Interrupt enabled
0 : interrupt disabled
1 : Interrupt enabled
0 : interrupt disabled
1 : Interrupt enabled
0 : interrupt disabled
1 : Interrupt enabled
5
0
INT4 interrupt
enable bit
A-D converter
interrupt enable bit
0 : interrupt disabled
1 : Interrupt enabled
6
7
0
FLD blanking
interrupt enable bit
FLD digit interrupt
enable bit
0 : interrupt disabled
1 : Interrupt enabled
0
Fix “0” to this bit.
Timer 4 interrupt
enable bit (Note)
Note: In the mask option type P, timer 4 interrupt whose count source
is CNTR1 input and INT3 interrupt are not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com