Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 276 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 276 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 272Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 273Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 274Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 275Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 276Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 277Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 278Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 279Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 280Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 355 page
background image
3-28
APPENDIX
38B5 Group User’s Manual
3.4 Countermeasures against noise
(4)
Wiring to VPP pin of One Time PROM version and EPROM version
Connect an approximately 5 k
Ω resistor to the VPP pin the shortest possible in series. When not
connecting the resistor, make the length of wiring between the VPP pin and the VSS pin the shortest
possible.
Note: Even when a circuit which included an approximately 5 k
Ω resistor is used in the Mask ROM
version, the microcomputer operates correctly.
q Reason
The VPP pin of the One Time PROM and the EPROM version is the power source input pin for
the built-in PROM. When programming in the built-in PROM, the impedance of the VPP pin is low
to allow the electric current for writing flow into the PROM. Because of this, noise can enter easily.
If noise enters the VPP pin, abnormal instruction codes or data are read from the built-in PROM,
which may cause a program runaway.
Fig. 3.4.4 Wiring for the VPP pin of the One Time PROM and the EPROM version
3.4.2 Connection of bypass capacitor across VSS line and VCC line
Connect an approximately 0.1
µF bypass capacitor across the VSS line and the VCC line as follows:
• Connect a bypass capacitor across the VSS pin and the VCC pin at equal length.
• Connect a bypass capacitor across the VSS pin and the VCC pin with the shortest possible wiring.
• Use lines with a larger diameter than other signal lines for VSS line and VCC line.
• Connect the power source wiring via a bypass capacitor to the V SS pin and the VCC pin.
Fig. 3.4.5 Bypass capacitor across the VSS line and the VCC line
P47/VPP
RESET
Approximately
5 k
Ω
VSS
VCC
VSS
VCC
N.G.
O.K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com