Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 272 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 272 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 268Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 269Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 270Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 271Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 272Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 273Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 274Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 275Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 276Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 355 page
background image
3-24
APPENDIX
38B5 Group User’s Manual
3.3 Notes on use
3.3.12 Notes on built-in PROM version
(1)
Programming adapter
Use a special programming adapter shown in Table 3.3.1 and a general-purpose PROM programmer
when reading from or programming to the built-in PROM in the built-in PROM version.
Table 3.3.1 Programming adapter
Microcomputer
M38B59EFFP (One Time PROM version shipped in blank)
M38B59EFFS
Programming adapter
PCA4738F-80A
PCA4738L-80A
(2)
Programming/reading
In PROM mode, operation is the same as that of the M5M27C101K, but programming conditions of
PROM programmer are not set automatically because there are no internal device ID codes.
Accurately set the following conditions for data programming/reading. Take care not to apply 21 V
to the VPP pin (is also used as port P47), or the product may be permanently damaged.
Œ Programming voltage: 12.5 V
 Setting of PROM programmer address: Refer to “Table 3.3.2”
Table 3.3.2 PROM programmer address setting
Microcomputer
M38B59EFFP
M38B59EFFS
PROM programmer start address
Address 108016
PROM programmer end address
Address FFFD16
(3)
Erasing
Contents of the windowed EPROM are erased through an ultraviolet light source with the wavelength
2537 Angstrom. At least 15 W•sec/cm2 are required to erase EPROM contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com