Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 269 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 269 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 265Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 266Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 267Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 268Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 269Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 270Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 271Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 272Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 273Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 355 page
background image
38B5 Group User’s Manual
3-21
APPENDIX
3.3 Notes on use
(2)
N-channel open-drain port
P40–P42, P45, P46, P60 of N-channel open-drain output ports have built-in hysteresis circuit for input.
In standby state for low-power dissipation, do not make these pins floating state.
q Reason
When power sources for pull-up of these pins are cut off in standby state, these ports become
floating. Accordingly, a current may flow from Vcc to Vss through built-in hysteresis circuit.
(3)
Modifying output data with bit managing instruction
When the port latch of an I/O port is modified with the bit managing instruction*2, the value of the
unspecified bit may be changed.
q Reason
The bit managing instructions are read-modify-write form instructions for reading and writing data
by a byte unit. Accordingly, when these instructions are executed on a bit of the port latch of an
I/O port, the following is executed to all bits of the port latch.
• As for a bit which is set for an input port :
The pin state is read in the CPU, and is written to this bit after bit managing.
• As for a bit which is set for an output port :
The bit value of the port latch is read in the CPU, and is written to this bit after bit managing.
Note the following :
• Even when a port which is set as an output port is changed for an input port, its port latch holds
the output data.
• As for a bit of the port latch which is set for an input port, its value may be changed even when
not specified with a bit managing instruction in case where the pin state differs from its port latch
contents.
*2 bit managing instructions : SEB, and CLB instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com