Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 267 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 267 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 263Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 264Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 265Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 266Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 267Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 268Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 269Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 270Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 271Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 355 page
background image
38B5 Group User’s Manual
3-19
APPENDIX
3.3 Notes on use
3.3.4 Notes on FLD controller
q Set a value of 0316 or more to the Toff1 time set register.
q When displaying in the gradation display mode, select the 16 timing mode by the timing number control
bit (bit 4 of FLDC mode register (address 0EF416) = “0”).
3.3.5 Notes on A-D converter
(1)
Analog input pin
s Make the signal source impedance for analog input low, or equip an analog input pin with an
external capacitor of 0.01
µF to 1 µF. Further, be sure to verify the operation of application
products on the user side.
q Reason
An analog input pin includes the capacitor for analog voltage comparison. Accordingly, when
signals from signal source with high impedance are input to an analog input pin, charge and
discharge noise generates. This may cause the A-D conversion precision to be worse.
s When the P64/INT4/SBUSY1/AN10 pin is selected as analog input pin, external interrupt function (INT4)
becomes invalid.
(2)
A-D converter power source pin
The AVSS pin is A-D converter power source pin. Regardless of using the A-D conversion function
or not, connect it as following :
• AVSS : Connect to the VSS line
q Reason
If the AVSS pin is opened, the microcomputer may have a failure because of noise or others.
(3)
Clock frequency during A-D conversion
The comparator consists of a capacity coupling, and a charge of the capacity will be lost if the clock
frequency is too low. Thus, make sure the following during an A-D conversion.
• f(XIN) is 250 kHz or more
• Use clock divided by main clock (f(XIN)) as internal system clock.
• Do not execute the STP instruction and WIT instruction
3.3.6 Notes on PWM
q For PWM0 output, “L” level is output first.
q After data is set to the PWM register (low-order) and the PWM register (high-order), PWM waveform
corresponding to new data is output from next repetitive cycle.
Fig. 3.3.5 PWM output
PWM0 output data
change
Modified data is output from next
repetitive cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com