Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 263 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 263 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 259Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 260Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 261Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 262Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 263Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 264Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 265Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 266Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 267Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 355 page
background image
38B5 Group User’s Manual
3-15
APPENDIX
3.3 Notes on use
(3)
Structure of interrupt control register 2
Fix the bit 7 of the interrupt control register 2
to “0”. Figure 3.3.3 shows the structure of the
interrupt control register 2.
Fig. 3.3.3 Structure of interrupt control register 2
3.3.2 Notes on serial I/O1
(1) Clock
s Using internal clock
After setting the synchronous clock to an internal clock, clear the serial I/O interrupt request bit
before perform the normal serial I/O transfer or the serial I/O automatic transfer.
s Using external clock
After inputting “H” level to the external clock input pin, clear the serial I/O interrupt request bit
before performing the normal serial I/O transfer or the serial I/O automatic transfer.
(2) Using serial I/O1 interrupt
Clear bit 3 of the interrupt request register 1 to “0” by software.
(3)
State of SOUT1 pin
The SOUT1 pin control bit of the serial I/O1 control register 2 can be used to select the state of the
SOUT1 pin when serial data is not transferred; either output active or high-impedance. However, when
selecting an external synchronous clock; the SOUT1 pin can become the high-impedance state by
setting the SOUT1 pin control bit to “1” when the serial I/O1 clock input is at “H” after transfer completion.
(4)
Serial I/O initialization bit
q Set “0” to the serial I/O initialization bit of the serial I/O1 control register 1 when terminating a
serial transfer during transferring.
q When writing “1” to the serial I/O initialization bit, the serial I/O1 is enabled, but each register is
not initialized. Set the value of each register by program.
(5)
Handshake signal
s SBUSY1 input signal
Input an “H” level to the SBUSY1 input and an “L” level signal to the SBUSY1 input in the initial state.
When the external synchronous clock is selected, switch the input level to the SBUSY1 input and
the SBUSY1 input while the serial I/O1 clock input is in “H” state.
s SRDY1 input•output signal
When selecting the internal synchronous clock, input an “L” level to the SRDY1 input and an “H”
level signal to the SRDY1 input in the initial state.
(6)
8-bit serial I/O mode
s When selecting external synchronous clock
When an external synchronous clock is selected, the contents of the serial I/O1 register are being
shifted continually while the transfer clock is input to the serial I/O1 clock pin. In this case, control
the clock externally.
b7
b0
Interrupt control register
Address 003F16
Interrupt enable bits
Not used
Fix this bit to “0”.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com