Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 261 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 261 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 257Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 258Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 259Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 260Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 261Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 262Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 263Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 264Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 265Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 355 page
background image
38B5 Group User's Manual
APPENDIX
3-13
3.2 Standard characteristics
3.2.3 A-D conversion standard characteristics
Figure 3.2.11 shows the A-D conversion standard characteristics.
The lower line on the graph indicates the absolute precision error. It expresses the deviation from the ideal
value. For example, the conversion of output code from 0016 to 0116 occurs ideally at the point of AN0 =
2.5 mV, but the measured value is –2 mV. Accordingly, the measured point of conversion is defined as “2.5
– 2 = 0.5 mV”.
The upper line on the graph indicates the width of input voltages equivalent to output codes. For example,
the measured width of the input voltage for output code 6016 is 6 mV, so that the differential nonlinear error
is defined as “6 – 5 = 1 mV (0.2 LSB)”.
Fig. 3.2.11 A-D conversion standard characteristics
15
10
5
-5
-10
-15
0
STEP No.
016
32
48
64
80
96
112128144160176192208224240256
0.0
5.0
10.0
15.0
15
10
5
-5
-10
-15
0
STEP No.
256
0.0
5.0
10.0
15.0
272288304320336352368384400416432448464480496512
15
10
5
-5
-10
-15
0
STEP No.
512
0.0
5.0
10.0
15.0
528544560576592606624640656
672688704720736752768
15
10
5
-5
-10
-15
0
STEP No.
768
0.0
5.0
10.0
15.0
78480081683284886488089691292894496097699210081024
38B5 GROUP A-D CONVERTER ERROR & STEP WIDTH MEASUREMENT
VCC = 5.12 [V], VREF = 5.12 [V], AN0
XIN = 4 [MHz], Temp = 25 [deg.]
ERROR (Absolute precision error)
1 LSB WIDTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com