Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 258 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 258 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 254Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 255Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 256Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 257Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 258Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 259Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 260Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 261Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 262Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 355 page
background image
3-10
38B5 Group User's Manual
APPENDIX
3.2 Standard characteristics
Fig. 3.2.5 CMOS output port P-channel side characteristics (25 °C)
Fig. 3.2.6 CMOS output port P-channel side characteristics (90 °C)
0
0
VOH (V)
IOH
(mA)
-80
-60
-50
-40
-30
-20
3.600
2.400
1.200
-70
-10
-90
-100
4.800
6.000
VCC = 5.5 V
VCC = 5.0 V
VCC = 3.0 V
Port P87 IOH-VOH characteristics (25
°C)
(Same characteristics pins: P5, P61–P65, P7, P84–P87, P9)
0
0
VOH (V)
IOH
(mA)
-80
-60
-50
-40
-30
-20
3.600
2.400
1.200
-70
-10
-90
-100
4.800
6.000
VCC =5.5 V
VCC =5.0 V
VCC =3.0 V
Port P87 IOH–VOH characteristics (90
°C)
(Same characteristics pins: P5, P61–P65, P7, P84–P87, P9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com