Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 254 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 254 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 250Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 251Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 252Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 253Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 254Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 255Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 256Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 257Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 258Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 355 page
background image
3-6
38B5 Group User’s Manual
APPENDIX
3.1 Electrical characteristics
3.1.5 Timing requirements and switching characteristics
Table 3.1.7 Timing requirements
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
____________
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tC(XCIN)
tWH(XCIN)
tWL(XCIN)
tC(CNTR)
tWH(CNTR)
tWL(CNTR)
tWH(INT)
tWL(INT)
tC(SCLK)
tWH(SCLK)
tWL(SCLK)
tsu(SCLK–SIN)
th(SCLK–SIN)
Reset input “L” pulse width
Main clock input cycle time (XIN input)
Main clock input “H” pulse width
Main clock input “L” pulse width
Sub-clock input cycle time (XCIN input)
Sub-clock input “H” pulse width
Sub-clock input “L” pulse width
CNTR0, CNTR1 input cycle time
CNTR0, CNTR1 input “H” pulse width
CNTR0, CNTR1 input “L” pulse width
INT0 to INT4 input “H” pulse width
INT0 to INT4 input “L” pulse width
Serial I/O clock input cycle time
Serial I/O clock input “H” pulse width
Serial I/O clock input “L” pulse width
Serial I/O input set up time
Serial I/O input hold time
2.0
238
60
60
20
5.0
5.0
4.0
1.6
1.6
80
80
0.95
400
400
200
200
µs
ns
ns
ns
µs
µs
µs
µs
µs
µs
ns
ns
µs
ns
ns
ns
ns
Table 3.1.8 Switching characteristics
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
ns
ns
ns
ns
ns
ns
ns
µs
tWH(SCLK)
tWL(SCLK)
td(SCLK–SOUT)
tv(SCLK–SOUT)
tr(SCLK)
tf(SCLK)
tr(Pch–strg)
tr(Pch–weak)
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O output delay time
Serial I/O output valid time
Serial I/O clock output rising time
Serial I/O clock output falling time
P-channel high-breakdown voltage
output rising time (Note 1)
P-channel high-breakdown voltage
output rising time (Note 2)
0.2 tc
40
40
55
1.8
tC(SCLK)/2–160
tC(SCLK)/2–160
0
Test conditions
CL = 100 pF
CL = 100 pF
CL = 100 pF
CL = 100 pF
CL = 100 pF
VEE = VCC–43 V
CL = 100 pF
VEE = VCC–43 V
Notes 1: When bit 7 of the FLDC mode register (address 0EF416) is at “0”.
2: When bit 7 of the FLDC mode register (address 0EF416) is at “1”.
Fig. 3.1.1 Circuit for measuring output switching characteristics
CL
Serial I/O clock
output port
CL
VEE
High-breakdown
P-channel open-
drain output port
P52/SCLK11,
P53/SCLK12,
P56/SCLK21,
P57/SCLK22
P0,P1,P2,
P3,P80–P83
Note: Ports P2 and P8 need external resistors.
(Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com