Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 252 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 252 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 248Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 249Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 250Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 251Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 252Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 253Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 254Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 255Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 256Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 355 page
background image
3-4
38B5 Group User’s Manual
APPENDIX
3.1 Electrical characteristics
Table 3.1.3 Recommended operating conditions (2)
(VCC = 4.0 to 5.5 V, Ta = –20 to 85
°C, unless otherwise noted)
Clock input frequency for timers 2, 4, and X (duty cycle 50 %)
Main clock input oscillation frequency (Note 1)
Sub-clock input oscillation frequency (Notes 1, 2)
Symbol
Parameter
Limits
Unit
f(CNTR0)
f(CNTR1)
f(XIN)
f(XCIN)
kHz
MHz
kHz
250
4.2
50
Max.
Typ.
Min.
32.768
Notes 1: When the oscillation frequency has a duty cycle of 50%.
2: When using the microcomputer in low-speed mode, set the sub-clock input oscillation frequency on condition that f(XCIN) < f(XIN)/3.
3.1.3 Electrical characteristics
Table 3.1.4 Electrical characteristics (1)
(VCC = 4.0 to 5.5 V, Ta = –20 to 85
°C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
“H” output voltage P00–P07, P10–P17, P20–P27,
P30–P37, P80–P83
“H” output voltage P50–P57, P60–P65, P70–P77,
P84–P87, P90, P91
“L” output voltage P50–P57, P61–P65, P84–P87,
P90, P91
“L” output voltage P40–P46, P60
Hysteresis
P40–P42, P45–P47, P5, P60,
P61, P64 (Note 1)
Hysteresis
RESET, XIN
Hysteresis
XCIN
“H” input current
P47, P50–P57, P61–P65,
P70–P77, P84–P87
“H” input current
P40–P46, P60
“H” input current
P00–P07, P20–P27, P80–P83
“H” input current
RESET, XCIN
“H” input current
XIN
“L” input current
P40–P47, P60
“L” input current
P50–P57, P61–P65, P70–P77,
P84–P87, P90, P91
“L” input current
P00–P07, P20–P27, P80–P83
“L” input current
RESET, XCIN
“L” input current
XIN
Output load current
P00–P07, P10–P17, P30–P37
Output leak current
P00–P07, P10–P17, P20–P27,
P30–P37, P80–P83
“H” read current
P00–P07, P20–P27, P80–P83
VOH
VOH
VOL
VOL
VT+–VT–
VT+–VT–
VT+–VT–
IIH
IIH
IIH
IIH
IIH
IIL
IIL
IIL
IIL
IIL
ILOAD
ILEAK
IREADH
VRAM
IOH = –18 mA
IOH = –10 mA
IOL = 10 mA
IOL = 15 mA
VI = VCC
VI = 12 V
VI = VCC
VI = VCC
VI = VCC
VI = VSS
VI = VSS
Pull-up “off”
VCC = 5 V, VI = VSS
Pull-up “on”
VCC = 3 V, VI = VSS
Pull-up “on”
VI = VSS
VI = VSS
VI = VSS
VEE = VCC–43 V,
VOL =VCC
Output transistors “off”
VEE = VCC–43 V,
VOL =VCC–43 V
Output transistors “off”
VI = 5 V
When clock is stopped
Test conditions
VCC–2.0
VCC–2.0
2.0
2.0
5.0
10.0
5.0
5.0
–5.0
–5.0
–140
–45
–5.0
–5.0
900
–10
5.5
0.6
0.4
0.5
0.5
4.0
–70
–25
–4.0
600
1
–30
–6.0
300
2
Notes 1: P42, P45, P46, and P60 of the mask option type P do not have hysteresis characteristics.
2: Except when reading ports P0, P2, or P8.
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
V
(Note 2)
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com