Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 251 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 251 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 247Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 248Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 249Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 250Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 251Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 252Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 253Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 254Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 255Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 355 page
background image
3-3
APPENDIX
3.1 Electrical characteristics
38B5 Group User’s Manual
VCC
VSS
VEE
VREF
AVSS
VIA
VIH
VIH
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
VIL
ΣIOH(peak)
ΣIOH(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOH(avg)
ΣIOL(avg)
ΣIOL(avg)
IOH(peak)
IOH(peak)
IOL(peak)
IOL(peak)
IOH(avg)
IOH(avg)
IOL(avg)
IOL(avg)
Power source voltage
Power source voltage
Pull-down power source voltage
Analog reference voltage (when A-D converter is used)
Analog power source voltage
Analog input voltage
AN0–AN11
“H” input voltage
P40–P47, P50–P57, P60–P65, P70–P77,
P90, P91
“H” input voltage
P84–P87
“H” input voltage
P00–P07
“H” input voltage
P20–P27, P80–P83
“H” input voltage
RESET
“H” input voltage
XIN, XCIN
“L” input voltage
P40–P47, P50–P57, P60–P65, P70–P77,
P90, P91
“L” input voltage
P84–P87
“L” input voltage
P00–P07, P20–P27, P80–P83
“L” input voltage
RESET
“L” input voltage
XIN, XCIN
H” total peak output current (Note 1)
P00–P07, P10–P17, P20–P27, P30–P37, P80–P83
“H” total peak output current (Note 1)
P50–P57, P61–P65, P70–P77, P90, P91
“L” total peak output current (Note 1)
P50–P57, P60–P65, P70–P77, P90, P91
“L” total peak output current (Note 1)
P40–P46, P84–P87
“H” total average output current (Note 1)
P00–P07, P10–P17, P20–P27, P30–P37, P80–P87
“H” total average output current (Note 1)
P50–P57, P61–P65, P70–P77, P90, P91
“L” total average output current (Note 1)
P50–P57, P60–P65, P70–P77, P90, P91
“L” total average output current (Note 1)
P40–P46, P84–P87
“H” peak output current (Note 2)
P00–P07, P10–P17, P20–P27, P30–P37, P80–P83
“H” peak output current (Note 2)
P50–P57, P61–P65, P70–P77, P84–P87, P90, P91
“L” peak output current (Note 2)
P50–P57, P61–P65, P70–P77, P84–P87, P90, P91
“L” peak output current (Note 2)
P40–P46, P60
“H” average output current (Note 3)
P00–P07, P10–P17, P20–P27, P30–P37, P80–P83
“H” average output current (Note 3)
P50–P57, P60–P65, P70–P77, P84–P87, P90, P91
“L” average output current (Note 3)
P50–P57, P61–P65, P70–P77, P84–P87, P90, P91
“L” average output current (Note 3)
P40–P46, P60
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
4.0
2.7
VCC–43
2.0
0
0.75VCC
0.4VCC
0.8VCC
0.52VCC
0.8VCC
0.8VCC
0
0
0
0
0
Symbol
Limits
3.1.2 Recommended operating conditions
Table 3.1.2 Recommended operating conditions (1)
(Vcc = 4.0 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
Parameter
In high-speed mode
In middle-/low-speed mode
5.0
5.0
0
0
5.5
5.5
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
0.25VCC
0.16VCC
0.2VCC
0.2VCC
0.2VCC
–240
–60
100
60
–120
–30
50
30
–40
–10
10
30
–18
–5
5
15
Unit
Min.
Typ.
Max.
Notes 1: The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an
average value measured over 100 ms. The total peak current is the peak value of all the currents.
2: The peak output current is the peak current flowing in each port.
3: The average output current IOL (avg), IOH(avg) in an average value measured over 100 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com