Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 250 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 250 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 246Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 247Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 248Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 249Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 250Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 251Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 252Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 253Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 254Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 355 page
background image
3-2
38B5 Group User’s Manual
APPENDIX
3.1 Electrical characteristics
Conditions
Symbol
Ratings
Unit
Parameter
VCC
VEE
VI
VI
VI
VI
VI
VO
VO
VO
Pd
Topr
Tstg
Power source voltage
Pull-down power source voltage
Input voltage
P47, P50–P57, P61–P65, P70–
P77, P84–P87, P90, P91
Input voltage
P40–P46, P60
Input voltage
P00–P07, P20–P27, P80–P83
Input voltage
RESET, XIN
Input voltage
XCIN
Output voltage
P00–P07, P10–P17, P20–P27,
P30–P37, P80–P83
Output voltage
P50–P57, P61–P65, P70–P77,
P84–P87, P90, P91, XOUT,
XCOUT
Output voltage
P40–P46, P60
Power dissipation
Operating temperature
Storage temperature
V
V
V
V
V
V
V
V
V
V
mW
mW
°C
°C
3.1 Electrical characteristics
3.1.1 Absolute maximum ratings
Table 3.1.1 Absolute maximum ratings
All voltages are
based on VSS.
Output transistors
are cut off.
Ta = –20 to 65 °C
Ta = 65 to 85 °C
–0.3 to 7.0
VCC – 45 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to 13
VCC – 45 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to VCC +0.3
VCC – 45 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to 13
800
800 – 12.5 ! (Ta – 65)
–20 to 85
–40 to 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com