Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 246 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 246 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 242Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 243Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 244Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 245Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 246Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 247Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 248Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 249Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 250Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 355 page
background image
2-158
38B5 Group User’s Manual
APPLICATION
2.11 Clock generating circuit
Control procedure: Set the relevant registers in the order shown below to prepare for a power
failure.
Fig. 2.11.9 Control procedure
Initialization
T12M (address 002816), bit 3, bit 2
ICON1 (address 003E16), bit 5
CPUM (address 003B16), bit 7
CPUM (address 003B16), bit 5
IREQ1 (address 003C16), bit 7, bit 5
T1 (address 002016)
T2 (address 002116)
T3 (address 002216)
0, 1
0
1 (Note)
1 (Note)
0, 0
0716
3F16
0F16
RESET
Timer 1 count source: f(XCIN)
Timer 1 interrupt: Disabled
Internal system clock: f(XCIN) (low-speed mode)
Main clock f(XIN): Oscillation stopped
Setting for generating timer 3 interrupt every second
Generation of one second by hardware timer during
power failure
Note: Do not switch at one time.
Return processing from power failure
Execute WIT instruction
Timer 3 interrupt occurs every second
(return from wait mode)
Port XC: XCIN-XCOUT oscillation function
When selecting main clock f(XIN) (high-speed mode)
Setting for making base and one second counters activate during
timer 1 interrupt
In the normal power state, these software counters generate one
second.
Detect power failure ?
N
Y
Return condition for power failure is
satisfied ?
N
Y
ICON1 (address 003E16), bit 7
1
Timer 3 interrupt: Enabled
qX: This bit is not used here. Set it to “0” or “1” arbitrarily.
1
0
3F16
000010002
00XX01X02
0,0
FF16
0F16
1
CPUM (address 003B16), bit 4
CPUM (address 003B16), bit 6
T1 (address 002016)
T12M (address 002816)
T34M (address 002916)
IREQ1 (address 003C16), bit 7, bit 5
Base counter (internal RAM)
1 second counter (internal RAM)
ICON1 (address 003E16), bit 5
≈
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com