Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 243 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 243 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 239Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 240Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 241Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 242Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 243Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 244Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 245Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 246Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 247Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-155
2.11 Clock generating circuit
(2)
Counting without clock error during power failure
Outline: It keeps counting without clock error during a power failure.
Specifications: •Reducing power consumption as low as possible while maintaining clock function
•Clock: f(XIN) = 4.19 MHz
•Sub clock: f(XCIN) = 32.768 kHz
•Use of Timer 3 interrupt
For the peripheral circuit and the status transition during a power failure, refer to “Figures 2.11.2
and 2.11.3”.
Figure 2.11.6 shows the structure of clock counter, Figures 2.11.7 and 2.11.8 show the setting of
relevant registers.
Fig. 2.11.6 Structure of clock counter
When the system returns from a
power failure, add the time taken
for the switching processing for the
return.
Timer 1 interrupt
1/256
Timer 2Timer 3
244
µs
1/16
f(XCIN) = 32.768 kHz
1/8
Timer 1
<At power failure>
f(XIN) = 4.19 MHz
Timer 1Base counter1 second counter1 minute counter
1/16
1/641/256
1/16
1/60
1 second
Minute/Time/Day/
Month/Year
244
µs
Timer 3 interrupt
: Software timer
: Hardware timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com