Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 240 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 240 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 236Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 237Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 238Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 239Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 240Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 241Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 242Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 243Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 244Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 355 page
background image
2-152
38B5 Group User’s Manual
APPLICATION
2.11 Clock generating circuit
2.11.2 Clock generating circuit application examples
(1)
Status transition during power failure
Outline: The clock is counted up every one second by using the timer interrupt during a power
failure.
Fig. 2.11.2 Connection diagram
Specifications: •Reducing power dissipation as low as possible while maintaining clock function
•Clock: f(XIN) = 4.19 MHz, f(XCIN) = 32.768 kHz
•Port processing
Input port: Fixed to “H” or “L” level on the external
Output port: Fixed to output level that does not cause current flow to the external
(Example) When a circuit turns on LED at “L” output level, fix the
output level to “H”.
I/O port: Input port
→ Fixed to “H” or “L” level on the external
Output port
→ Output of data that does not consume current
VREF: Stop to supply to reference voltage input pin by external circuit
Figure 2.11.3 shows the status transition diagram during power failure and Figure 2.11.4 shows the
setting of relevant registers.
Fig. 2.11.3 Status transition diagram during power failure
38B5 Group
Power failure detection signal
Input port
(Note)
Note: Signal is detected by inputting to each input port,
interrupt input pin, and analog input pin.
XIN
XCIN
Internal
system clock
Change internal system
clock to high-speed
mode
After detecting, change internal system clock to
low-speed mode and stop oscillating XIN-XOUT
Middle-speed
mode
High-speed mode
Low-speed mode
XCIN-XCOUT oscillation function selected
Reset released
Power failure detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com