Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 242 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 242 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 238Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 239Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 240Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 241Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 242Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 243Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 244Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 245Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 246Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 355 page
background image
2-154
38B5 Group User’s Manual
APPLICATION
2.11 Clock generating circuit
Control procedure: Set the relevant registers in the order shown below to prepare for a power
failure.
Fig. 2.11.5 Control procedure
Initialization
CPUM (address 003B16), bit 6
CPUM (address 003B16), bit 4
0
1
CPUM (address 003B16), bit 7
CPUM (address 003B16), bit 5
1 (Note)
1 (Note)
RESET
Internal system clock: f(XCIN) (low-speed mode)
Main clock f(XIN) oscillation stopped
Note: Do not switch at one time.
Return processing from power failure
Set so that timer interrupt occurs every one
second
Execute WIT instruction
At a power failure, clock count is performed during
timer interrupt processing (every second).
Port XC: XCIN-XCOUT oscillation function
When selecting main clock f(XIN) (high-speed mode)
Detect power failure ?
N
Y
Return condition from power failure
concluded ?
N
Y
qX: This bit is not used here. Set it to “0” or “1” arbitrarily.
≈
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com