Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 236 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 236 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 232Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 233Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 234Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 235Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 236Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 237Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 238Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 239Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 240Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 355 page
background image
2-148
38B5 Group User’s Manual
APPLICATION
2.9 Buzzer output circuit
Fig. 2.9.5 Control procedure
2.9.3 Buzzer output circuit application examples
Outline: A buzzer output is performed by using the buzzer output circuit.
Specifications: •f(XIN) = 4.19 MHz, buzzer output frequency = 4 kHz
•Buzzer output from BUZ01 pin
Figure 2.9.3 shows the connection of buzzer output circuit and the setting of the division ratio.
Figure 2.9.4 shows the setting of relevant register. Figure 2.9.5 shows the control procedure.
Fig. 2.9.3 Connection of buzzer output circuit and setting of division ratio
Fig. 2.9.4 Setting of relevant register
f(XIN) = 4.19 MHz
Output port control signal
Port direction register
1/1024
Buzzer output
(4 kHz)
Buzzer output ON/OFF bit
Port latch
Buzzer output control register (address 0EFD16)
BUZCON
0
Buzzer output: OFF
Output frequency: 4 kHz (f(XIN)/1024)
P43/Buz01: Buzzer output
0
1
1
0
Initialization
SEI
CLT
CLD
BUZCON (address 0EFD16)
XXX001102
RESET
Buzzer output control register setting
(output frequency = 4 kHz, Buz01 output,
buzzer output OFF)
BUZCON (address 0EFD16), bit 4
1
Buzzer output ON
CLI
qX: This bit is not used here. Set it to “0” or “1” arbitrarily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com