Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 234 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 234 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 230Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 231Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 232Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 233Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 234Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 235Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 236Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 237Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 238Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 355 page
background image
2-146
38B5 Group User’s Manual
APPLICATION
2.8 Watchdog timer
Fig. 2.8.5 Control procedure
2.8.4 Notes on use
q The watchdog timer continues to count even while waiting for stop release. Accordingly, make sure that
watchdog timer does not underflow during this term by writing to the watchdog timer control register
(address 002B16) once before executing the STP instruction, etc.
q Once a “1” is written to the STP instruction disable bit (bit 6) of the watchdog timer control register
(address 002B16), it cannot be programmed to “0” again. This bit becomes “0” after reset.
Figure 2.8.5 shows the control procedure.
Initialization
SEI
CLT
CLD
CPUM (address 003B16)
000XXX002
Main processing
RESET
CPU mode register setting
(single-chip mode, main clock oscillating, high-speed mode)
WDTCON (address 002B16)
00XXXXXX2
Count of watchdog timer start
(STP instruction enabled, WDTH count source)
CLI
qX: This bit is not used here. Set it to “0” or “1” arbitrarily.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com