Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 235 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 235 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 231Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 232Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 233Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 234Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 235Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 236Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 237Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 238Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 239Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-147
2.9 Buzzer output circuit
Fig. 2.9.2 Structure of buzzer output control register
2.9 Buzzer output circuit
The output frequency can be selected from 1 kHz, 2 kHz, or 4 kHz (at f(XIN) = 4.19 MHz), and the output
port can be selected between either the BUZ01 pin or the BUZ02 pin.
This paragraph describes the setting method of buzzer output circuit relevant register, notes etc.
2.9.1 Memory assignment
Fig. 2.9.1 Memory assignment of buzzer output circuit relevant register
2.9.2 Relevant register
The buzzer output circuit starts outputting a buzzer by setting the buzzer output ON/OFF bit (bit 4) of the
buzzer output control register.
Figure 2.9.2 shows the structure of the buzzer output control register.
Buzzer output control register (BUZCON)
0EFD16
Address
Buzzer output control register
b7 b6 b5 b4 b3 b2 b1 b0
Buzzer output control register
(BUZCON: address 0EFD16)
b
0
Name
0
Functions
At reset R W
1
0
2
3
4
0
0
0: Buzzer output OFF (“0”
output)
1: Buzzer output ON
5
7
6
b1b0
0 0: 1 kHz (f(XIN)/4096)
0 1: 2 kHz (f(XIN)/2048)
1 0: 4 kHz (f(XIN)/1024)
1 1: Not available
Output frequency
selection bits
0
0
b3b2
0 0: P20 and P43 function
as ordinary ports.
0 1: P43/BUZ01 functions as
a buzzer output.
1 0: P20/BUZ02/FLD0
functions as a buzzer
output.
1 1: Not available
Output port
selection bits
Buzzer output
ON/OFF bit
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com