Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 233 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 233 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 229Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 230Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 231Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 232Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 233Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 234Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 235Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 236Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 237Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-145
2.8 Watchdog timer
2.8.3 Watchdog timer application examples
Outline: When a program runs away, the watchdog timer makes the microcomputer return to the
reset state.
Specifications: •When the watchdog timer H underflows, it is judged as incorrect program, and the
microcomputer is returned to the reset state.
•Bit 7 of the watchdog timer control register is set to “0” at 1-cycle intervals in the
main routine before underflow of the watchdog timer H. (Initialization of watchdog
timer value)
•Use of watchdog timer L underflow as count source of watchdog timer H
•Setting of main clock division ratio to f(XIN) (high-speed mode)
Figure 2.8.3 shows the connection of watchdog timer and the setting of the division ratio.
Figure 2.8.4 shows the setting of relevant registers.
Fig. 2.8.3 Connection of watchdog timer and setting of division ratio
Fig. 2.8.4 Setting of relevant registers
f(XIN) = 4 MHz
RESET
Watchdog timer L
Watchdog timer H
Internal reset
STP instruction disable bit
STP instruction
1/8
1/2561/4096
Reset
circuit
Fixed
CPU mode register (address 003B16)
CPUM
0
High-speed (f(XIN)) mode operation
Watchdog timer control register (address 002B16)
STP instruction: Enabled
WDTCON
0
Single-chip mode
Main clock (XIN-XOUT): Oscillating
Internal system clock: XIN-XOUT
00
0
0
0
Watchdog timer H count source:
Underflow of watchdog timer L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com