Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 256 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 256 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 252Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 253Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 254Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 255Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 256Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 257Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 258Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 259Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 260Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 355 page
background image
3-8
38B5 Group User's Manual
APPENDIX
3.2 Standard characteristics
3.2 Standard characteristics
3.2.1 Power source current standard characteristics
Fig. 3.2.1 Power source current standard characteristics
Fig. 3.2.2 Power source current standard characteristics (in wait mode)
0
0
Frequency f(XIN) (MHz)
8
6
5
4
3
2
6
4
2
1
7
5
3
1
9
Power source current
(mA)
At 5.5 V
4.2
At 4.0 V
0
0
Frequency f(XIN) (MHz)
800
600
500
400
300
200
6
4
2
1
700
5
3
100
900
1000
Power source current
(
µA)
At 5.5 V
4.2
At 4.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com