Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 262 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 262 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 258Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 259Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 260Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 261Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 262Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 263Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 264Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 265Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 266Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 355 page
background image
3-14
APPENDIX
38B5 Group User’s Manual
3.3 Notes on use
3.3 Notes on use
3.3.1 Notes on interrupts
(1)
Switching external interrupt detection edge
For the products able to switch the external interrupt detection edge, switch it as the following
sequence.
Clear an interrupt enable bit to “0” (interrupt disabled)
↓
Switch the detection edge
↓
Clear an interrupt request bit to “0”
(no interrupt request issued)
↓
Set the interrupt enable bit to “1” (interrupt enabled)
Clear the interrupt request bit to “0” (no interrupt issued)
↓
NOP (one or more instructions)
↓
Execute the BBC or BBS instruction
Data transfer instruction:
LDM, LDA, STA, STX, and STY instructions
Fig. 3.3.2 Sequence of check of interrupt request bit
Fig. 3.3.1 Sequence of switch detection edge
s Reason
The interrupt circuit recognizes the switching of the detection edge as the change of external input
signals. This may cause an unnecessary interrupt.
(2)
Check of interrupt request bit
q When executing the BBC or BBS instruction to an interrupt request bit of an interrupt request
register immediately after this bit is set to “0” by using a data transfer instruction, execute one or
more instructions before executing the BBC or BBS instruction.
s Reason
If the BBC or BBS instruction is executed immediately after an interrupt request bit of an interrupt
request register is cleared to “0”, the value of the interrupt request bit before being cleared to “0”
is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com