Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 264 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 264 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 260Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 261Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 262Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 263Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 264Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 265Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 266Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 267Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 268Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 355 page
background image
3-16
APPENDIX
38B5 Group User’s Manual
3.3 Notes on use
(7)
In automatic transfer serial I/O mode
s Set of automatic transfer interval
q When the SBUSY1 output is used, and the SBUSY1 output and the SSTB1 output function as signals
for each transfer data set by the SBUSY1 output•SSTB1 output function selection bit of serial I/O1
control register 2; the transfer interval is inserted before the first data is transmitted/received,
and after the last data is transmitted/received. Accordingly, regardless of the contents of the
SBUSY1 output•SSTB1 output function selection bit, this transfer interval for each 1-byte data becomes
2 cycles longer than the value set by the automatic transfer interval set bits of serial I/O1 control
register 3.
q When using the SSTB1 output, regardless of the contents of the SBUSY1 output•SSTB1 output function
selection bit, this transfer interval for each 1-byte data becomes 2 cycles longer than the value
set by the automatic transfer interval set bits of serial I/O1 control register 3.
q When using the combined output of SBUSY1 and SSTB1 as the signal for each of all transfer data
set, the transfer interval after completion of transmission/reception of the last data becomes 2
cycles longer than the value set by the automatic transfer interval set bits.
q Set the transfer interval of each 1-byte data transfer to 5 or more cycles of the internal clock
φ after the rising edge of the last bit of a 1-byte data.
q When selecting an external clock, the set of automatic transfer interval becomes invalid.
s Set of serial I/O1 transfer counter
q Write the value decreased by 1 from the number of transfer data bytes to the serial I/O1 transfer
counter.
q When selecting an external clock, after writing a value to the serial I/O1 register/transfer counter,
wait for 5 or more cycles of internal clock
φ before inputting the transfer clock to the serial I/
O1 clock pin.
s Serial I/O initialization bit
A serial I/O1 automatic transfer interrupt request occurs when “0” is written to the serial I/O
initialization bit during an operation. Disable it with the interrupt enable bit as necessary by program.
3.3.3 Notes on serial I/O2
(1)
Notes when selecting clock synchronous serial I/O
Œ Stop of transmission operation
As for the serial I/O2 that can be used as either a clock synchronous or an asynchronous (UART)
serial I/O, clear the transmit enable bit to “0” (transmit disabled).
q Reason
Since transmission is not stopped and the transmission circuit is not initialized even if only the
serial I/O2 enable bit is cleared to “0” (serial I/O2 disabled), the internal transmission is running
(in this case, since pins TxD, RxD, SCLK21, SCLK22 and SRDY2 function as I/O ports, the transmission
data is not output). When data is written to the transmit buffer register in this state, data starts to
be shifted to the transmit shift register. When the serial I/O2 enable bit is set to “1” at this time,
the data during internally shifting is output to the TxD pin and an operation failure occurs.
 Stop of receive operation
As for the serial I/O2 that can be used as either a clock synchronous or an asynchronous (UART)
serial I/O, clear the receive enable bit to “0” (receive disabled), or clear the serial I/O2 enable bit
to “0” (serial I/O2 disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com