Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 268 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 268 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 264Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 265Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 266Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 267Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 268Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 269Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 270Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 271Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 272Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 355 page
background image
3-20
APPENDIX
38B5 Group User’s Manual
3.3 Notes on use
3.3.7 Notes on watchdog timer
q The watchdog timer continues to count even while waiting for stop release. Accordingly, make sure that
watchdog timer does not underflow during this term by writing to the watchdog timer control register
(address 002B16) once before executing the STP instruction, etc.
q Once a “1” is written to the STP instruction disable bit (bit 6) of the watchdog timer control register
(address 002B16), it cannot be programmed to “0” again. This bit becomes “0” after reset.
3.3.8 Notes on reset circuit
(1)
Reset input voltage control
Make sure that the reset input voltage is 0.5 V or less for Vcc of 2.7 V.
Perform switch to the high-speed mode when power source voltage is within 4.0 to 5.5 V.
(2)
Countermeasure when RESET signal rise time is long
In case where the RESET signal rise time is long, connect a ceramic capacitor or others across the
RESET pin and the VSS pin. And use a 1000 pF or more capacitor for high frequency use. When
connecting the capacitor, note the following :
• Make the length of the wiring which is connected to a capacitor as short as possible.
• Be sure to verify the operation of application products on the user side.
q Reason
If the several nanosecond or several ten nanosecond impulse noise enters the RESET pin, it may
cause a microcomputer failure.
3.3.9 Notes on input and output pins
(1)
Notes in stand-by state
In stand-by state*1 for low-power dissipation, do not make input levels of an input port and an I/O
port “undefined”, especially for I/O ports of the N-channel open-drain.
Pull-up (connect the port to VCC) or pull-down (connect the port to VSS) these ports through a
resistor.
When determining a resistance value, note the following points:
• External circuit
• Variation of output levels during the ordinary operation
When using built-in pull-up resistor, note on varied current values:
• When setting as an input port : Fix its input level
• When setting as an output port : Prevent current from flowing out to external
q Reason
Even when setting as an output port with its direction register, in the following state :
• P-channel......when the content of the port latch is “0”
• N-channel......when the content of the port latch is “1”
the transistor becomes the OFF state, which causes the ports to be the high-impedance state.
Note that the level becomes “undefined” depending on external circuits.
Accordingly, the potential which is input to the input buffer in a microcomputer is unstable in the
state that input levels of a input port and an I/O port are “undefined”. This may cause power
source current.
*1 stand-by state : the stop mode by executing the STP instruction
the wait mode by executing the WIT instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com