Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 281 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 281 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 277Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 278Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 279Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 280Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 281Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 282Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 283Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 284Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 285Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 355 page
background image
38B5 Group User’s Manual
3-33
APPENDIX
3.5 Control registers
3.5 Control registers
Fig. 3.5.1 Structure of port Pi
Fig. 3.5.2 Structure of port Pi direction register
Port Pi
b7 b6 b5 b4 b3 b2 b1 b0
Port Pi (i = 0, 1, 2, 3, 4, 5, 7, 8)
(Pi: addresses 0016, 0216, 0416, 0616, 0816, 0A16, 0E16, 1016)
b
0
0
Port Pi0
qIn output mode
Write •••••••• Port latch
Read •••••••• Port latch
qIn input mode
Write •••••••• Port latch
Read •••••••• Value of pin
Port Pi1
Port Pi2
Port Pi3
Port Pi4
Port Pi5
Port Pi6
Port Pi7
Functions
Name
At reset R W
1
0
2
0
3
0
4
0
5
0
6
0
7
0
Port Pi direction register
b7 b6 b5 b4 b3 b2 b1 b0
Port Pi direction register (i = 0, 2, 4, 5, 7, 8)
(PiD: addresses 0116, 0516, 0916, 0B16, 0F16, 1116)
0 : Port Pi0 input mode
1 : Port Pi0 output mode
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0 : Port Pi1 input mode
1 : Port Pi1 output mode
0
0 : Port Pi2 input mode
1 : Port Pi2 output mode
0
0 : Port Pi3 input mode
1 : Port Pi3 output mode
0
0 : Port Pi4 input mode
1 : Port Pi4 output mode
0
0 : Port Pi5 input mode
1 : Port Pi5 output mode
0
0 : Port Pi6 input mode
1 : Port Pi6 output mode
0
0 : Port Pi7 input mode
1 : Port Pi7 output mode
(Note)
0
Port Pi direction
register
Note: Bit 7 of the port P4 direction register (address 0916) does not have
direction register function because P47 is input port. When writing to bit 7
of the port P4 direction register, write “0” to the bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com