Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 284 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 284 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 280Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 281Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 282Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 283Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 284Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 285Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 286Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 287Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 288Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 355 page
background image
3-36
APPENDIX
38B5 Group User’s Manual
3.5 Control registers
Fig. 3.5.8 Structure of PWM register (low-order)
Fig. 3.5.7 Structure of PWM register (high-order)
b
0
Functions
At reset R W
1
2
3
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
4
5
6
7
PWM register (high-order)
b7 b6 b5 b4 b3 b2 b1 b0
PWM register (high-order)
(PWMH: address 1416)
• High-order 8 bits of PWM0 output data is set.
• The values set in this register is transferred to
the PWM latch each sub-period cycle (64
µs).
(At f(XIN) = 4 MHz)
• When this register is read out, the value of the
PWM register (high-order) is read out.
b
0
Functions
At reset R W
1
2
3
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
4
5
6
7
PWM register (low-order)
b7 b6 b5 b4 b3 b2 b1 b0
PWM register (low-order)
(PWML: address 1516)
• Low-order 6 bits of PWM0 output data is set.
• The values set in this register is transferred to
the PWM latch at each PWM cycle period
(4096
µs).
(At f(XIN) = 4 MHz)
• When this register is read out, the value of the
PWM latch (low-order 6 bits) is read out.
!
!
Nothing is arranged for this bit. This bit is a
write disabled bit. When this bit is read out, the
contents are “0”.
• This bit indicates whether the transfer to the
PWM latch is completed.
0: Transfer is completed
1: Transfer is not completed
• This bit is set to “1” at writing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com